Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBMS140LL-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBMS140LL-HF
Description  Ultra Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMS140LL-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDBMS140LL-HF Datasheet HTML 1Page - Comchip Technology CDBMS140LL-HF Datasheet HTML 2Page - Comchip Technology CDBMS140LL-HF Datasheet HTML 3Page - Comchip Technology CDBMS140LL-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ultra Low VF SMD Schottky Barrier Rectifiers
Page 3
REV: A
QW-JL038
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
B
C
d
D
D2
D1
SYMBOL
(mm)
(inch)
2.362 Min.
4.00 ± 0.10
1.50 0.10
±
60.0 Min.
13.50 ± 0.20
4.00 ± 0.10
2.00 ± 0.10
178 ± 0.30
0.059 ± 0.004
7.008 ± 0.012
0.532 ± 0.008
SYMBOL
(mm)
(inch)
0.158 ± 0.004
0.158 ± 0.004
0.079 ± 0.004
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.10
0.138 ± 0.004
2.00 ± 0.10
0.079 ± 0.004
3.75 ± 0.10
0.148 ± 0.004
1.10 ± 0.10
0.043 ± 0.004
12.00 Min.
0.472 Min.
8.00 ± 0.30
0.315
± 0.012
A
D1
D2
D
W1
Reel Taping Specification
T
C
Index hole
d
E
F
B
W
P
P0
P1
A
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
SOD-123S
SOD-123S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com