Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBMS140LL-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBMS140LL-HF
Description  Ultra Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMS140LL-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBMS140LL-HF Datasheet HTML 1Page - Comchip Technology CDBMS140LL-HF Datasheet HTML 2Page - Comchip Technology CDBMS140LL-HF Datasheet HTML 3Page - Comchip Technology CDBMS140LL-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ultra Low VF SMD Schottky Barrier Rectifiers
Page 2
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
RATING AND CHARACTERISTIC CURVES (CDBMS140LL-HF)
Forward Voltage, (V)
Fig.2 - Typical Forward Characteristics
Reverse Voltage, (V)
0.01
Fig.4 - Typical Junction Capacitance
0
100
350
1
10
100
Fig.1 - Typical Forward Current Derating Curve
0
0.6
0.8
0
100
0.2
1.2
0.4
25
50
75
150
125
1.0
0.1
50
200
150
300
250
0.1
0.5
1.5
1.3
0.3
0.7
0.9
1.1
0.1
1.0
50
10
1.4
0.01
Pulse width 300μs
1% duty cycle
TJ=25°C
Resistive or inductive load
Single phase half wave 60Hz
Number of Cycles at 60Hz
Fig.3 - Maximum Non-repetitive
0
30
50
1
10
100
10
40
20
TJ=25°C
8.3ms single half sine
wave, JEDEC method
Forward Surge Current
Percent of Rated Peak Reverse Voltage, (%)
Fig.5 - Typical Reverse Characteristics
140
80
60
120
0
0.1
10
100
20
0.01
40
100
TJ=25°C
1.0
Ambient Temperature, (°C)
QW-JL038



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com