Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBMS140LL-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBMS140LL-HF
Description  Ultra Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMS140LL-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBMS140LL-HF Datasheet HTML 1Page - Comchip Technology CDBMS140LL-HF Datasheet HTML 2Page - Comchip Technology CDBMS140LL-HF Datasheet HTML 3Page - Comchip Technology CDBMS140LL-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ultra Low VF SMD Schottky Barrier Rectifiers
Reverse Voltage: 0 Volts
4
Forward Current: 1.0 Amp
RoHS Device
Page 1
REV: A
Features
-Low power loss, high efficiency.
-Ultra high-speed switching.
Mechanical data
-Epoxy: UL94V 0 rated flame retardant.
-
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Indicated by cathode band.
CDBMS140LL-HF
Comchip Technology CO., LTD.
SOD-123S
0.154(3.90)
0.138(3.50)
0.016(0.40) Typ.
0.079(2.00)
0.063(1.60)
0.055(1.40)
0.039(1.00)
0.031(0.80) Typ.
0.031(0.80) Typ.
-Weight: 0.018 grams (Approx.)
-High current capability, Low forward voltage drop.
-Silicon epitaxial planar chip, metal silicon junction.
Halogen Free
-High surge capability.
Max. Repetitive peak reverse voltage
Max. DC blocking voltage
Max. RMS voltage
CDBMS140LL-HF
Units
Symbol
Parameter
VRRM
VR
VRMS
40
40
28
V
V
V
Max. forward voltage
1.0A, TA=25°C
@
VF
V
Junction Temperature
TJ
-55 to +100
°C
Forward surge current
Reverse current
Storage temperature
A
A
mA
Parameter
Conditions
on rate load (JEDEC method)
8.3ms single half sine-wave superimposed
Forward rectified current
Thermal Resistance
Diode junction capacitance
VR =VRRM TJ=25°C
f=1MHZ and applied 4V DC reverse Voltage
Junction to ambient
Symbol
IO
IFSM
IR
RθJA
CJ
TSTG
MIN.
TYP.
MAX.
°C/W
pF
°C
1.0
50
1.0
130
130
-55
+150
Units
Maximum Ratings and Electrical Characteristics
Ratings at Ta=25°C unless otherwise noted.
Single phase, half wave, 60Hz, resistive or inductive loaded.
For capacitive load, derate current by 20% .
0.039(1.00)
0.031(0.80)
-Case: SOD-123S, molded plastic.
0.35
Company reserves the right to improve product design , functions and reliability without notice.
-Guard ring for overvoltage protection.
Dimensions in inches and (millimeter)
QW-JL038


Similar Part No. - CDBMS140LL-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMS140-HF COMCHIP-CDBMS140-HF Datasheet
461Kb / 4P
SMD Schottky Barrier Rectifiers
REV:B
More results

Similar Description - CDBMS140LL-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBA120LL-HF COMCHIP-CDBA120LL-HF Datasheet
95Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBA220LL-HF COMCHIP-CDBA220LL-HF Datasheet
95Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBZ2140LL-HF COMCHIP-CDBZ2140LL-HF Datasheet
100Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
CDBZ2240LL-HF COMCHIP-CDBZ2240LL-HF Datasheet
100Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
CDBZ310100LL-HF COMCHIP-CDBZ310100LL-HF Datasheet
130Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
CDBHA10200LR-HF COMCHIP-CDBHA10200LR-HF Datasheet
468Kb / 4P
Ultra Low VF Schottky Barrier Rectifiers
REV:A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com