Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4227 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4227
Description  Silicon Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4227 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4227 Datasheet HTML 1Page - Renesas Technology Corp 2SC4227 Datasheet HTML 2Page - Renesas Technology Corp 2SC4227 Datasheet HTML 3Page - Renesas Technology Corp 2SC4227 Datasheet HTML 4Page - Renesas Technology Corp 2SC4227 Datasheet HTML 5Page - Renesas Technology Corp 2SC4227 Datasheet HTML 6Page - Renesas Technology Corp 2SC4227 Datasheet HTML 7Page - Renesas Technology Corp 2SC4227 Datasheet HTML 8Page - Renesas Technology Corp 2SC4227 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Silicon Transistor
µµµµPA831TF
NPN SILICON EPITAXIAL TRANSISTOR (WITH 2 DIFFERENT ELEMENTS)
IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
PRELIMINARY DATA SHEET
Document No. P12723EJ1V0DS00 (1st edition)
Date Published August 1997 N
Printed in Japan
1997
©
DESCRIPTION
PACKAGE DRAWINGS (Unit:mm)
The
µPA831TF has two different built-in transistors (Q1
and Q2) for low noise amplification in the VHF band to UHF
band.
FEATURES
• Low noise
Q1 : NF = 1.2 dB TYP., Q2 : NF = 1.4 dB TYP.
@f = 1 GHz, VCE = 3 V, IC = 7 mA
• High gain
Q1 :
|S21e|2 = 9.0 dB TYP. Q2 : |S21e|2 = 12.0 dB TYP.
@f = 1 GHz, VCE = 3 V, IC = 7 mA
• 6-pin thin-type small mini mold package
• 2 different transistors on-chip (2SC4226, 2SC4227)
ON-CHIP TRANSISTORS
Q1
Q2
3-pin small mini mold part No.
2SC4226
2SC4227
The
µPA834TF features the Q1 and Q2 in inverted positions.
ORDERING INFORMATION
PART NUMBER
QUANTITY
PACKING STYLE
µPA831TF
Loose products
(50 pcs)
µPA831TF-T1
Taping products
(3 kpcs/reel)
Caution is required concerning excess input, such as from static electricity, because the high-frequency
process is used for this device.
2.10±0.1
1.25±0.1
B1
Q1
Q2
6
5
4
3
2
1
E2
B2
C1
E1
C2
1. Collector (Q1)
2. Emitter (Q1)
3. Collector (Q2)
PIN CONNECTIONS
4. Base (Q2)
5. Emitter (Q2)
6. Base (Q1)
8-mm wide embossed tape.
Pin 6 (Q1 Base), pin 5 (Q2
Emitter), and pin 4 (Q2 Base)
face perforated side of tape.
PIN CONFIGURATION (Top View)
The information in this document is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com