Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4227 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4227
Description  Silicon Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4227 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC4227 Datasheet HTML 2Page - Renesas Technology Corp 2SC4227 Datasheet HTML 3Page - Renesas Technology Corp 2SC4227 Datasheet HTML 4Page - Renesas Technology Corp 2SC4227 Datasheet HTML 5Page - Renesas Technology Corp 2SC4227 Datasheet HTML 6Page - Renesas Technology Corp 2SC4227 Datasheet HTML 7Page - Renesas Technology Corp 2SC4227 Datasheet HTML 8Page - Renesas Technology Corp 2SC4227 Datasheet HTML 9Page - Renesas Technology Corp 2SC4227 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
4
µµµµPA831TF
TYPICAL CHARACTERISTICS (TA = 25
°°°°C)
200
100
0
50
100
150
Ambient temperature TA (
°C)
Total Power Dissipation vs. Ambient Temperature
Q1 + Q2 total
Free Air
Q1 when using
2 elements
Collector Current vs. DC Base Voltage
20
10
0
0.5
1.0
VCE = 3 V
DC base voltage VBE (V)
Collector Current vs. Collector to Emitter Voltage
25
20
15
10
5
0
510
Collector to emitter voltage VCE (V)
140 A
120 A
IB =160 A
µ
µ
µ
80 A
40 A
20 A
60 A
200
100
0
50
100
150
Ambient temperature TA (
°C)
Total Power Dissipation vs. Ambient Temperature
Q1
Q2
Q1 + Q2 total
20
10
0
0.5
1.0
VCE = 3 V
Collector Current vs. DC Base Voltage
DC base voltage VBE (V)
25
20
15
10
5
0
0.5
1.0
Collector Current vs. Collector to Emitter Voltage
Collector to emitter voltage VCE (V)
IB = 20 A
40 A
60 A
80 A
100 A
120 A
140 A
160 A
Free Air
Q1 when using
1 element
Q2 when using
2 elements
Q2 when using
1 element
100 A
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com