Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4227 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4227
Description  Silicon Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4227 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4227 Datasheet HTML 1Page - Renesas Technology Corp 2SC4227 Datasheet HTML 2Page - Renesas Technology Corp 2SC4227 Datasheet HTML 3Page - Renesas Technology Corp 2SC4227 Datasheet HTML 4Page - Renesas Technology Corp 2SC4227 Datasheet HTML 5Page - Renesas Technology Corp 2SC4227 Datasheet HTML 6Page - Renesas Technology Corp 2SC4227 Datasheet HTML 7Page - Renesas Technology Corp 2SC4227 Datasheet HTML 8Page - Renesas Technology Corp 2SC4227 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2
µµµµPA831TF
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C)
RATING
Q1
Q2
Collector to base voltage
VCBO
20
20
V
Collector to emitter voltage
VCEO
12
10
V
Emitter to base voltage
VEBO
3
1.5
V
Collector current
IC
100
65
mA
Total power dissipation
PT
150 in 1 element
150 in 1 element
mW
200 in 2 elements
Note
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
−65 to +150
°C
Note
110 mW must not be exceeded for 1 element.
(1) Q1
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Collector cutoff current
ICBO
VCB = 10 V, IE = 0
1
µA
Emitter cutoff current
IEBO
VEB = 1 V, IC = 0
1
µA
DC current gain
hFE
VCE = 3 V, IC = 7 mA
Note 1
100
145
Gain bandwidth product
fT
VCE = 3 V, IC = 7 mA, f = 1 GHz
3.0
4.5
GHz
Feedback capacitance
Cre
VCB = 3 V, IE = 0, f = 1 MHz
Note 2
0.7
1.5
pF
Insertion power gain
|S21e|2
VCE = 3 V, IC = 7 mA, f = 1 GHz
7
9
dB
Noise figure
NF
VCE = 3 V, IC = 7 mA, f = 1 GHz
1.2
2.5
dB
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty cycle ≤ 2%
2. Collector to base capacitance when measured with capacitance meter (automatic balanced bridge
method), with emitter connected to guard pin of capacitance meter.
UNIT
SYMBOL
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com