Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF191 Datasheet(PDF) 13 Page - Analog Devices

Part # REF191
Description  Precision Micropower, Low Dropout Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF191 Datasheet(HTML) 13 Page - Analog Devices

Back Button REF191 Datasheet HTML 9Page - Analog Devices REF191 Datasheet HTML 10Page - Analog Devices REF191 Datasheet HTML 11Page - Analog Devices REF191 Datasheet HTML 12Page - Analog Devices REF191 Datasheet HTML 13Page - Analog Devices REF191 Datasheet HTML 14Page - Analog Devices REF191 Datasheet HTML 15Page - Analog Devices REF191 Datasheet HTML 16Page - Analog Devices REF191 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
REF19x Series
Rev. I | Page 13 of 28
ELECTRICAL CHARACTERISTICS—REF198 @ TA = 25°C
@ VS = 5.0 V, TA = 25°C, unless otherwise noted.
Table 20.
Parameter
Mnemonic
Condition
Min
Typ
Max
Unit
INITIAL ACCURACY1
E Grade
VO
IOUT = 0 mA
4.094
4.096
4.098
V
F Grade
4.091
4.101
V
G Grade
4.086
4.106
V
LINE REGULATION2
E Grade
ΔVO/ΔVIN
4.5 V ≤ VS ≤ 15 V, IOUT = 0 mA
2
4
ppm/V
F and G Grades
4
8
ppm/V
LOAD REGULATION2
E Grade
ΔVO/ΔVLOAD
VS = 5.4 V, 0 mA ≤ IOUT ≤ 30 mA
2
4
ppm/mA
F and G Grades
4
8
ppm/mA
DROPOUT VOLTAGE
VS − VO
VS = 4.6 V, ILOAD = 10 mA
0.502
V
VS = 5.4 V, ILOAD = 30 mA
1.30
V
LONG-TERM STABILITY3
DVO
1000 hours @ 125°C
1.2
mV
NOISE VOLTAGE
eN
0.1 Hz to 10 Hz
40
μV p-p
1 Initial accuracy includes temperature hysteresis effect.
2 Line and load regulation specifications include the effect of self-heating.
3 Long-term stability specification is noncumulative. The drift in subsequent 1000-hour periods is significantly lower than in the first 1000-hour period.
ELECTRICAL CHARACTERISTICS—REF198 @ −40°C ≤ TA ≤ +85°C
@ VS = 5.0 V, −40°C ≤ TA ≤ +85°C, unless otherwise noted.
Table 21.
Parameter
Mnemonic
Condition
Min
Typ
Max
Unit
TEMPERATURE COEFFICIENT1, 2
E Grade
TCVO/°C
IOUT = 0 mA
2
5
ppm/°C
F Grade
5
10
ppm/°C
G Grade3
10
25
ppm/°C
LINE REGULATION4
E Grade
ΔVO/ΔVIN
4.5 V ≤ VS ≤ 15 V, IOUT = 0 mA
5
10
ppm/V
F and G Grades
10
20
ppm/V
LOAD REGULATION4
E Grade
ΔVO/ΔVLOAD
VS = 5.4 V, 0 mA ≤ IOUT ≤ 25 mA
5
10
ppm/mA
F and G Grades
10
20
ppm/mA
DROPOUT VOLTAGE
VS − VO
VS = 4.6 V, ILOAD = 10 mA
0.502
V
VS = 5.4 V, ILOAD = 25 mA
1.30
V
SLEEP PIN
Logic High Input Voltage
VH
2.4
V
Logic High Input Current
IH
−8
μA
Logic Low Input Voltage
VL
0.8
V
Logic Low Input Current
IL
−8
μA
SUPPLY CURRENT
No load
45
μA
Sleep Mode
No load
15
μA
1 For proper operation, a 1 μF capacitor is required between the output pin and the GND pin of the device.
2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/°C.
TCVO = (VMAX
− VMIN)/VO(TMAX − TMIN)
3 Guaranteed by characterization.
4 Line and load regulation specifications include the effect of self-heating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com