Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF191 Datasheet(PDF) 16 Page - Analog Devices

Part # REF191
Description  Precision Micropower, Low Dropout Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF191 Datasheet(HTML) 16 Page - Analog Devices

Back Button REF191 Datasheet HTML 12Page - Analog Devices REF191 Datasheet HTML 13Page - Analog Devices REF191 Datasheet HTML 14Page - Analog Devices REF191 Datasheet HTML 15Page - Analog Devices REF191 Datasheet HTML 16Page - Analog Devices REF191 Datasheet HTML 17Page - Analog Devices REF191 Datasheet HTML 18Page - Analog Devices REF191 Datasheet HTML 19Page - Analog Devices REF191 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
REF19x Series
Rev. I | Page 16 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
100
–50
–25
0
25
50
75
5.004
5.003
5.001
5.002
5.000
4.999
4.998
4.997
4.996
3 TYPICAL PARTS
5.15V < VIN < 15V
Figure 3. REF195 Output Voltage vs. Temperature
ILOAD (mA)
30
0
5
10
15
20
25
32
24
28
20
16
12
4
8
0
–40°C
+25°C
5.15V ≤ VS ≤ 15V
+85°C
Figure 4. REF195 Load Regulator vs. ILOAD
VIN (V)
16
46
8
10
12
14
20
16
12
8
4
0
+85°C
+25°C
–40°C
0mA ≤ IOUT ≤ 25mA
Figure 5. REF195 Line Regulator vs. VIN
TC—VOUT (ppm/°C)
20
20
10
15
0
510
15
5
50
45
40
30
35
20
25
10
5
15
0
BASED ON 600
UNITS, 4 RUNS
–40°C ≤ TA ≤ +85°C
Figure 6. TC—VOUT Distribution
TEMPERATURE (°C)
100
–50
–25
0
25
50
75
40
35
30
25
20
15
10
5
0
NORMAL MODE
SLEEP MODE
Figure 7. Supply Current vs. Temperature
TEMPERATURE (°C)
100
–50
–25
0
25
50
75
–6
–5
–4
–3
–1
–2
0
VL
VH
Figure 8. SLEEP Pin Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com