Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF191 Datasheet(PDF) 15 Page - Analog Devices

Part # REF191
Description  Precision Micropower, Low Dropout Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF191 Datasheet(HTML) 15 Page - Analog Devices

Back Button REF191 Datasheet HTML 11Page - Analog Devices REF191 Datasheet HTML 12Page - Analog Devices REF191 Datasheet HTML 13Page - Analog Devices REF191 Datasheet HTML 14Page - Analog Devices REF191 Datasheet HTML 15Page - Analog Devices REF191 Datasheet HTML 16Page - Analog Devices REF191 Datasheet HTML 17Page - Analog Devices REF191 Datasheet HTML 18Page - Analog Devices REF191 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
REF19x Series
Rev. I | Page 15 of 28
ABSOLUTE MAXIMUM RATINGS
Table 24.
Parameter1
Rating
Supply Voltage
−0.3 V, +18 V
Output to GND
−0.3 V, VS + 0.3 V
Output to GND Short-Circuit Duration
Indefinite
Storage Temperature Range
PDIP, SOIC_N Package
−65°C to +150°C
Operating Temperature Range
REF19x
−40°C to +85°C
Junction Temperature Range
PDIP, SOIC_N Package
−65°C to +150°C
Lead Temperature Range (Soldering 60 sec)
300°C
1 Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 25. Thermal Resistance
Package Type
θJA1
θJC
Unit
8-Lead PDIP
103
43
°C/W
8-Lead SOIC_N
158
43
°C/W
1 θJA is specified for worst-case conditions; that is, θJA is specified for the device
in socket for PDIP and is specified for the device soldered in the circuit board
for the SOIC package.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com