Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF194 Datasheet(PDF) 14 Page - Analog Devices

Part # REF194
Description  Precision Micropower, Low Dropout Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF194 Datasheet(HTML) 14 Page - Analog Devices

Back Button REF194 Datasheet HTML 10Page - Analog Devices REF194 Datasheet HTML 11Page - Analog Devices REF194 Datasheet HTML 12Page - Analog Devices REF194 Datasheet HTML 13Page - Analog Devices REF194 Datasheet HTML 14Page - Analog Devices REF194 Datasheet HTML 15Page - Analog Devices REF194 Datasheet HTML 16Page - Analog Devices REF194 Datasheet HTML 17Page - Analog Devices REF194 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
REF19x Series
Rev. I | Page 14 of 28
ELECTRICAL CHARACTERISTICS—REF198 @ −40°C ≤ TA ≤
+125°C
@ VS = 5.0 V, −40°C ≤ TA ≤ +125°C, unless otherwise noted.
Table 22.
Parameter
Mnemonic
Condition
Min
Typ
Max
Unit
TEMPERATURE COEFFICIENT1, 2
E Grade
TCVO/°C
IOUT = 0 mA
2
ppm/°C
F Grade
5
ppm/°C
G Grade3
10
ppm/°C
LINE REGULATION4
E Grade
ΔVO/ΔVIN
4.5 V ≤ VS ≤ 15 V, IOUT = 0 mA
5
ppm/V
F and G Grades
10
ppm/V
LOAD REGULATION4
E Grade
ΔVO/ΔVLOAD
VS = 5.6 V, 0 mA ≤ IOUT ≤ 20 mA
5
ppm/mA
F and G Grades
10
ppm/mA
DROPOUT VOLTAGE
VS − VO
VS = 4.7 V, ILOAD = 10 mA
0.60
V
VS = 5.6 V, ILOAD = 20 mA
1.50
V
1 For proper operation, a 1 μF capacitor is required between the output pin and the GND pin of the device.
2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/°C.
TCVO = (VMAX
− VMIN)/VO(TMAX − TMIN)
3 Guaranteed by characterization.
4 Line and load regulation specifications include the effect of self-heating.
WAFER TEST LIMITS
For proper operation, a 1 μF capacitor is required between the output pins and the GND pin of the REF19x. Electrical tests and wafer
probe to the limits are shown in
Table 23
. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed for standard product dice.
Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
@ ILOAD = 0 mA, TA = 25°C, unless otherwise noted.
Table 23.
Parameter
Mnemonic
Condition
Limit
Unit
INITIAL ACCURACY
REF191
VO
2.043/2.053
V
REF192
2.495/2.505
V
REF193
2.990/3.010
V
REF194
4.495/4.505
V
REF195
4.995/5.005
V
REF196
3.290/3.310
V
REF198
4.091/4.101
V
LINE REGULATION
ΔVO/ΔVIN
(VO + 0.5 V) < VIN < 15 V, IOUT = 0 mA
15
ppm/V
LOAD REGULATION
ΔVO/ΔILOAD
0 mA < ILOAD < 30 mA, VIN = (VO + 1.3 V)
15
ppm/mA
DROPOUT VOLTAGE
VO − V+
ILOAD = 10 mA
1.25
V
ILOAD = 30 mA
1.55
V
SLEEP MODE INPUT
Logic Input High
VIH
2.4
V
Logic Input Low
VIL
0.8
V
SUPPLY CURRENT
VIN = 15 V
No load
45
μA
Sleep Mode
No load
15
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com