Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF194 Datasheet(PDF) 21 Page - Analog Devices

Part # REF194
Description  Precision Micropower, Low Dropout Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF194 Datasheet(HTML) 21 Page - Analog Devices

Back Button REF194 Datasheet HTML 17Page - Analog Devices REF194 Datasheet HTML 18Page - Analog Devices REF194 Datasheet HTML 19Page - Analog Devices REF194 Datasheet HTML 20Page - Analog Devices REF194 Datasheet HTML 21Page - Analog Devices REF194 Datasheet HTML 22Page - Analog Devices REF194 Datasheet HTML 23Page - Analog Devices REF194 Datasheet HTML 24Page - Analog Devices REF194 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
REF19x Series
Rev. I | Page 21 of 28
One caveat to this approach is that although rail-to-rail output
amplifiers work best in the application, these operational amplifiers
require a finite amount (mV) of headroom when required to
provide any load current. The choice for the circuit’s negative
supply should take this issue into account.
100Ω
1µF
1kΩ
1µF
–VREF
REF19x
VIN
GND
VOUT
100kΩ
SLEEP
TTL/CMOS
A1 = 1/2 OP295,
1/2 OP291
VIN
10kΩ
2N3906
3
6
2
4
SLEEP
10kΩ
+5V
–5V
A1
Figure 24. Negative Precision Voltage Reference Uses No Precision Resistors
STACKING REFERENCE ICS FOR
ARBITRARY OUTPUTS
Some applications may require two reference voltage sources
that are a combined sum of standard outputs. The circuit shown
in Figure 25 shows how this stacked output reference can be
implemented.
R1
3.9kΩ
(SEE TEXT)
C1
0.1µF
+VS
VS > VOUT2 + 0.15V
VIN
COMMON
VOUT
COMMON
OUTPUT TABLE
U1/U2
REF192/REF192
REF192/REF194
REF192/REF195
VOUT1 (V)
2.5
2.5
2.5
VOUT2 (V)
5.0
7.0
7.5
+VOUT2
C2
1µF
C3
0.1µF
+VOUT1
C4
1µF
U2
REF19x
(SEE TABLE)
2
6
3
4
U1
REF19x
(SEE TABLE)
2
6
3
4
+
+
VO (U2)
VO (U1)
Figure 25. Stacking Voltage References with the REF19x
Two reference ICs are used, fed from a common unregulated
input, VS. The outputs of the individual ICs are connected in
series, as shown in Figure 25, which provide two output
voltages, VOUT1 and VOUT2. VOUT1 is the terminal voltage of U1,
while VOUT2 is the sum of this voltage and the terminal voltage
of U2. U1 and U2 are chosen for the two voltages that supply
the required outputs (see Output Table in Figure 25). If, for
example, both U1 and U2 are REF192s, the two outputs are 2.5 V
and 5.0 V.
While this concept is simple, some cautions are needed. Since
the lower reference circuit must sink a small bias current from
U2 (50 μA to 100 μA), plus the base current from the series
PNP output transistor in U2, either the external load of U1 or
R1 must provide a path for this current. If the U1 minimum
load is not well defined, Resistor R1 should be used, set to a
value that conservatively passes 600 μA of current with the
applicable VOUT1 across it. Note that the two U1 and U2
reference circuits are locally treated as macrocells, each having
its own bypasses at input and output for best stability. Both U1
and U2 in this circuit can source dc currents up to their full
rating. The minimum input voltage, VS, is determined by the
sum of the outputs, VOUT2, plus the dropout voltage of U2.
A related variation on stacking two 3-terminal references is
shown in Figure 26, where U1, a REF192, is stacked with a
2-terminal reference diode, such as the AD589. Like the
3-terminal stacked reference above, this circuit provides two
outputs, VOUT1 and VOUT2, which are the individual terminal
voltages of D1 and U1, respectively. Here this is 1.235 V and 2.5 V,
which provides a VOUT2 of 3.735 V. When using 2-terminal
reference diodes, such as D1, the rated minimum and maximum
device currents must be observed, and the maximum load
current from VOUT1 can be no greater than the current setup by
R1 and VO (U1). When VO (U1) is equal to 2.5 V, R1 provides a
500 μA bias to D1, so the maximum load current available at
VOUT1 is 450 μA or less.
D1
AD589
R1
4.99kΩ
(SEE TEXT)
C1
0.1µF
+VS
VS > VOUT2 + 0.15V
VIN
COMMON
VOUT
COMMON
+VOUT2
3.735V
C2
1µF
+VOUT1
1.235V
C3
1µF
U1
REF192
2
6
3
4
+
+
VO (U1)
VO (D1)
Figure 26. Stacking Voltage References with the REF192
PRECISION CURRENT SOURCE
In low power applications, the need often arises for a precision
current source that can operate on low supply voltages. As shown
in Figure 27, any one of the devices in the REF19x family of
references can be configured as a precision current source.
The circuit configuration illustrated is a floating current source
with a grounded load. The output voltage of the reference is
bootstrapped across RSET, which sets the output current into the
load. With this configuration, circuit precision is maintained for
load currents in the range from the reference’s supply current
(typically 30 μA) to approximately 30 mA. The low dropout
voltage of these devices maximizes the current source’s output
voltage compliance without excess headroom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com