Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF194 Datasheet(PDF) 23 Page - Analog Devices

Part # REF194
Description  Precision Micropower, Low Dropout Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF194 Datasheet(HTML) 23 Page - Analog Devices

Back Button REF194 Datasheet HTML 19Page - Analog Devices REF194 Datasheet HTML 20Page - Analog Devices REF194 Datasheet HTML 21Page - Analog Devices REF194 Datasheet HTML 22Page - Analog Devices REF194 Datasheet HTML 23Page - Analog Devices REF194 Datasheet HTML 24Page - Analog Devices REF194 Datasheet HTML 25Page - Analog Devices REF194 Datasheet HTML 26Page - Analog Devices REF194 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
REF19x Series
Rev. I | Page 23 of 28
In applications where these devices are configured as low
dropout voltage regulators, these wiring voltage drops can
become a large source of error. To circumvent this problem,
force and sense connections can be made to the reference
through the use of an operational amplifier, as shown in Figure 29.
This method provides a means by which the effects of wiring
resistance voltage drops can be eliminated. Load currents flowing
through wiring resistance produce an I-R error (ILOAD × RWIRE) at
the load. However, the Kelvin connection overcomes the problem
by including the wiring resistance within the forcing loop of the
op amp. Because the op amp senses the load voltage, op amp
loop control forces the output to compensate for the wiring
error and to produce the correct voltage at the load. Depending
on the reference device chosen, operational amplifiers that can
be used in this application are the OP295, OP292, and OP183.
2
3
1
+VOUT
SENSE
+VOUT
FORCE
RLW
1µF
100kΩ
RL
REF19x
VIN
GND
VOUT
A1 = 1/2 OP295
1/2 OP292
OP183
VIN
6
2
4
SLEEP
VIN
RLW
A1
3
Figure 29. A Low Dropout, Kelvin-Connected Voltage Reference
FAIL-SAFE 5 V REFERENCE
Some critical applications require a reference voltage to be
maintained at a constant voltage, even with a loss of primary
power. The low standby power of the REF19x series and the
switched output capability allow a fail-safe reference
configuration to be implemented rather easily. This reference
maintains a tight output voltage tolerance for either a primary
power source (ac line derived) or a standby (battery derived)
power source, automatically switching between the two as the
power conditions change.
The circuit in Figure 30 illustrates this concept, which borrows
from the switched output idea of Figure 28, again using the
REF19x device family output wire-OR capability. In this case,
since a constant 5 V reference voltage is desired for all
conditions, two REF195 devices are used for U1 and U2, with
their on/off switching controlled by the presence or absence of
the primary dc supply source, VS. VBAT is a 6 V battery backup
source that supplies power to the load only when VS fails. For
normal (VS present) power conditions, VBAT sees only the 15 μA
(maximum) standby current drain of U1 in its off state.
In operation, it is assumed that for all conditions, either U1 or
U2 is on, and a 5 V reference output is available. With this
voltage constant, a scaled down version is applied to the
Comparator IC U3, providing a fixed 0.5 V input to the negative
input for all power conditions. The R1 to R2 divider provides
a signal to the U3 positive input proportionally to VS, which
switches U3 and U1/U2, dependent upon the absolute level of
VS. In Figure 30, Op Amp U3 is configured as a comparator
with hysteresis, which provides clean, noise-free output
switching. This hysteresis is important to eliminate rapid
switching at the threshold due to VS ripple. Furthermore, the
device chosen is the AD820, a rail-to-rail output device. This
device provides HI and LO output states within a few mV of VS,
ground for accurate thresholds, and compatible drive for U2 for
all VS conditions. R3 provides positive feedback for circuit
hysteresis, changing the threshold at the positive input as
a function of the output of U3.
R5
100kΩ
R6
100Ω
R3
10MΩ
U3
AD820
C4
0.1µF
R2
100kΩ
R1
1.1MΩ
Q1
2N3904
+VBAT
VS, VBAT
COMMON
VOUT
COMMON
C2
0.1µF
C1
0.1µF
5.000V
C3
1µF
U1
REF195
(SEE TABLE)
2
3
4
U2
REF195
(SEE TABLE)
2
3
4
+
6
6
+VS
R4
900kΩ
4
2
7
6
3
+
–
Figure 30. A Fail-Safe 5 V Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com