Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6624AS Datasheet(PDF) 35 Page - Analog Devices

Part # AD6624AS
Description  Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624AS Datasheet(HTML) 35 Page - Analog Devices

Back Button AD6624AS Datasheet HTML 31Page - Analog Devices AD6624AS Datasheet HTML 32Page - Analog Devices AD6624AS Datasheet HTML 33Page - Analog Devices AD6624AS Datasheet HTML 34Page - Analog Devices AD6624AS Datasheet HTML 35Page - Analog Devices AD6624AS Datasheet HTML 36Page - Analog Devices AD6624AS Datasheet HTML 37Page - Analog Devices AD6624AS Datasheet HTML 38Page - Analog Devices AD6624AS Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
REV. B
AD6624
–35–
Bit 4 causes the normal RSP data on serial channel 0 to be
replaced with read access data. This allows reading the internal
registers over the serial bus. It should be noted that in the mode,
any RSP data will be superceded by internal access data.
Bit 5 allows access to the Input Control Port Registers at channel
addresses 00-07. When this bit is set low, the normal memory
map is accessed. However, when this bit is set, it allows access
to the Input Port Control Registers. Access to these registers
allows the lower and upper thresholds to be set along with dwell
time and other features. When this bit is set, the value in exter-
nal address 6 (CAR) points to the memory map for the Input
Port Control Registers instead of the normal memory map. See
Input Port Control Registers below.
Bits 6–7 are reserved and should be set low.
Data Address Registers
External Address [2-0] form the data registers DR2, DR1, and
DR0 respectively. All internal data words have widths that are less
than or equal to 20 bits. Accesses to External Address [0] DR0
trigger an internal access to the AD6624 based on the address
indicated in the ACR and CAR. Thus during writes to the inter-
nal registers, External Address [0] DR0 must be written last. At
this point, data is transferred to the internal memory indi-
cated in A[9:0]. Reads are performed in the opposite direction.
Once the address is set, External Address [0] DR0 must be the
first data register read to initiate an internal access. DR2 is only
four bits wide. Data written to the upper four bits of this register
will be ignored. Likewise reading from this register will produce
only four LSBs.
Write Sequencing
Writing to an internal location is achieved by first writing the
upper two bits of the address to Bits 1 through 0 of the ACR.
Bits 7:2 may be set to select the channel as indicated above. The
CAR is then written with the lower eight bits of the internal
address (it does not matter if the CAR is written before the
ACR as long as both are written before the internal access).
Data Register 2, (DR2) and Data Register 1 (DR1) must be
written first because the write to Data Register DR0 triggers the
internal access. Data Register DR0 must always be the last
register written to initiate the internal write.
Read Sequencing
Reading from the microport is accomplished in the same manner.
The internal address is set up the same way as the write. A read
from Data Register DR0 activates the internal read, thus register
DR0 must always be read first to initiate an internal read fol-
lowed by DR1 and DR2. This provides the eight LSBs of the
internal read through the microport (D[7:0]). Additional data
registers can be read to read the balance of the internal memory.
Read/Write Chaining
The microport of the AD6624 allows for multiple accesses
while
CS is held low (CS can be tied permanently low if the
microport is not shared with additional devices). The user can
access multiple locations by pulsing the
WR or RD line and
changing the contents of the external 3-bit address bus. Exter-
nal access to the external registers of Table II is accomplished in
one of two modes using the
CS, RD, WR, and MODE inputs.
The access modes are Intel Nonmultiplexed Mode and Motorola
Nonmultiplexed Mode. These modes are controlled by the
MODE input (MODE = 0 for INM, MODE = 1 for MNM).
CS, RD, and WR control the access type for each mode.
Intel Nonmultiplexed Mode (INM)
MODE must be tied low to operate the AD6624 microprocessor
in INM mode. The access type is controlled by the user with
the
CS, RD (DS), and WR (RW) inputs. The RDY (DTACK)
signal is produced by the microport to communicate to the user
that an access has been completed. RDY (
DTACK) goes low at
the start of the access and is released when the internal cycle is
complete. See the timing diagrams for both the read and write
modes in the Specifications.
Motorola Nonmultiplexed Mode (MNM)
MODE must be tied high to operate the AD6624 microprocessor
in MNM mode. The access type is controlled by the user with
the
CS, DS (RD), and RW(WR) inputs. The DTACK (RDY)
signal is produced by the microport to communicate to the user
that an access has been completed.
DTACK (RDY) goes low
when an internal access is complete and then will return high
after
DS (RD) is deasserted. See the timing diagrams for both
the read and write modes in the specifications.
Input Port Control Registers
The Input Port control register enables various input-related
features used primarily for input detection and level control.
Depending on the mode of operation, up to four different signal
paths can be monitored with these registers. These features are
accessed by setting Bit 5 of external address 3 (Sleep Register)
and then using the CAR (external address 6) to address the
eight available locations.
Response to these settings is directed to the LIA-A, LIA-B,
LIB-A and LIB-B pins.
Address 00 is the lower threshold for Input Channel A. This
word is 10 bits wide and maps to the 10 most significant bits
of the mantissa. If the upper 10 bits are less than or equal to this
value, the lower threshold has been met. In normal chip operation,
this starts the dwell time counter. If the input signal increases
above this value, the counter is reloaded and awaits the input to
drop back to this level.
Address 01 is the upper threshold for Input Channel A. This
word is 10 bits wide and maps to the 10 most significant bits of
the mantissa. If the upper 10 bits are greater than or equal to
this value, the upper threshold has been met. In normal chip
operation, this will cause the appropriate LI pin (LIA–A or
LIA–B) to become active.
Address 02 is the dwell time for Input Channel A. This sets the
time that the input signal must be at or below the lower thresh-
old before the LI pin is deactivated. For the input level detector
to work, the dwell time must be set to at least one. If set to zero,
the LI functions are disabled.
Address 02 has a 20-bit register. When the lower threshold is
met following an excursion into the upper threshold, the dwell
time counter is loaded and begins to count high-speed clock
cycles as long as the input is at or below the lower threshold. If
the signal increases above the lower threshold, the counter is
reloaded and waits for the signal to fall below the lower thresh-
old again.
Address 03 configures Input Channel A.
Bit 4 determines the polarity of LIA-A and LIA-B. If this bit is
cleared, the LI signal is high when the upper threshold has been
exceeded. However, if this bit is set, the LI pin is low when active.
This allows maximum flexibility when using this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com