Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6624AS Datasheet(PDF) 11 Page - Analog Devices

Part # AD6624AS
Description  Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624AS Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6624AS Datasheet HTML 7Page - Analog Devices AD6624AS Datasheet HTML 8Page - Analog Devices AD6624AS Datasheet HTML 9Page - Analog Devices AD6624AS Datasheet HTML 10Page - Analog Devices AD6624AS Datasheet HTML 11Page - Analog Devices AD6624AS Datasheet HTML 12Page - Analog Devices AD6624AS Datasheet HTML 13Page - Analog Devices AD6624AS Datasheet HTML 14Page - Analog Devices AD6624AS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
REV. B
AD6624
–11–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Type
Function
1, 12, 38, 50, 65, 76, 102, 113
VSS
G
Ground
2–6
INB[5:1]
1
IB Input Data (Mantissa)
7, 17, 32, 44, 54, 81, 96, 118
VDD
P
2.5 V Supply
8INB0
1
IB Input Data (Mantissa)—LSB
9
IENB
2
I
Input Enable—Input B
10
LIB-B
O
Level Indicator—Input B, Interleaved—Data B
11
LIB-A
O
Level Indicator—Input B, Interleaved—Data A
13
CLK
I
Input Clock
14–16
EXPA[0:2]
1
IA Input Data (Exponent)
18–21
INA[13:10]
1
IA Input Data (Mantissa)
22, 59, 71, 86, 108, 123
VDDIO
P
3.3 V Supply
23–26
INA[9:6]
1
IA Input Data (Mantissa)
27, 39, 64, 91, 103, 128
VSSIO
G
Ground
28–31
INA[5:2]
1
IA Input Data (Mantissa)
33–34
INA[1:0]
1
IA Input Data (Mantissa)
35
IENA
2
I
Input Enable—Input A
36
LIA-B
O
Level Indicator—Input A, Interleaved—Data B
37
LIA-A
O
Level Indicator—Input A, Interleaved—Data A
40
SYNCD
1
IAll Sync Pins Go to All Four Output Channels
41
SYNCC
1
IAll Sync Pins Go to All Four Output Channels
42
SYNCB
1
IAll Sync Pins Go to All Four Output Channels
43
SYNCA
1
IAll Sync Pins Go to All Four Output Channels
45
RESET
IActive Low Reset Pin
46–49
D[7:4]
I/O/T
Bidirectional Microport Data
51–53
D[3:1]
I/O/T
Bidirectional Microport Data
55
D0
I/O/T
Bidirectional Microport Data—LSB
56
DS(RD)I
Active Low Data Strobe (Active Low Read)
57
DTACK(RDY)2
O/T
Active Low Data Acknowledge (Microport Status Bit)
58
RW(
WR)I
Read Write (Active Low Write)
60
MODE
I
Intel or Motorola Mode Select
61–63
A[2:0]
I
Microport Address Bus
66
CS1
IChip Select
67
TRST2
ITest Reset Pin
68
TCLK
1
ITest Clock Input
69
TMS
2
ITest Mode Select Input
70
TDO
O/T
Test Data Output
72
TDI
2
ITest Data Input
73–75
CHIP_ID[3:1]
1
IChip ID Selector
77
CHIP_ID0
1
IChip ID Selector—LSB
78
SBM0
1
I
Serial Bus Master—Channel 0 Only
79–80
SDIV[3:2]
1
I
Serial Clock Divisor—Channel 0
82–83
SDIV[1:0]
1
I
Serial Clock Divisor—Channel 0
84
SCLK0
1
I/O
Bidirectional Serial Clock—Channel 0
85
SDFS0
1
I/O
Bidirectional Serial Data Frame Sync—Channel 0
87
SDO0
1
O/T
Serial Data Output—Channel 0
88
SDIN0
1
I
Serial Data Input—Channel 0
89
SDFE0
O
Serial Data Frame End—Channel 0
90
DR0
O
Output Data Ready Indicator—Channel 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com