Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7641BSTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7641BSTZ
Description  18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7641BSTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7641BSTZ Datasheet HTML 2Page - Analog Devices AD7641BSTZ Datasheet HTML 3Page - Analog Devices AD7641BSTZ Datasheet HTML 4Page - Analog Devices AD7641BSTZ Datasheet HTML 5Page - Analog Devices AD7641BSTZ Datasheet HTML 6Page - Analog Devices AD7641BSTZ Datasheet HTML 7Page - Analog Devices AD7641BSTZ Datasheet HTML 8Page - Analog Devices AD7641BSTZ Datasheet HTML 9Page - Analog Devices AD7641BSTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AD7631/AD7634
Preliminary Technical Data
Rev. PrC | Page 6 of 14
TIMING SPECIFICATIONS
AVDD = DVDD = 5 V; OVDD = 2.7 V to 5.5 V; VCC = 15V; VEE = -15V; VREF = 5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
CONVERSION AND RESET
Convert Pulse Width
t1
10
ns
Time Between Conversions (Warp Mode/Normal Mode1)
t2
ns
AD7631
4
μs
AD7634 (Warp Mode/Normal Mode/Impulse Mode)2
1.49/1.75/2.22
μs
CNVST Low to BUSY High Delay
t3
35
ns
BUSY High All Modes (Except Master Serial Read After Convert)
t4
AD7631
TBD
μs
AD7634 (Warp Mode/Normal Mode/Impulse Mode)
TBD
μs
Aperture Delay
t5
2
ns
End of Conversion to BUSY Low Delay
t6
10
ns
Conversion Time
t7
AD7631
TBD
μs
AD7634 (Warp Mode/Normal Mode/Impulse Mode)
TBD
μs
Acquisition Time
t8
AD7631
250
ns
AD7634 (Warp Mode/Normal Mode/Impulse Mode)
250
ns
RESET Pulse Width
t9
10
ns
PARALLEL INTERFACE MODES
CNVST Low to DATA Valid Delay
t10
AD7631
1.5
μs
AD7634 (Warp Mode/Normal Mode/Impulse Mode)
1/1.25/1.5
μs
DATA Valid to BUSY Low Delay
t11
12
ns
Bus Access Request to DATA Valid
t12
45
ns
Bus Relinquish Time
t13
5
15
ns
MASTER SERIAL INTERFACE MODES3
CS Low to SYNC Valid Delay
t14
10
ns
CS Low to Internal SCLK Valid Delay
t15
10
ns
CS Low to SDOUT Delay
t16
10
ns
CNVST Low to SYNC Delay
t17
AD7631
525
ns
AD7634 (Warp Mode/Normal Mode/Impulse Mode)
25/275/525
ns
SYNC Asserted to SCLK First Edge Delay
t18
3
ns
Internal SCLK Period4
t19
25
40
ns
Internal SCLK High4
t20
12
ns
Internal SCLK Low4
t21
7
ns
SDOUT Valid Setup Time4
t22
4
ns
SDOUT Valid Hold Time4
t23
2
ns
SCLK Last Edge to SYNC Delay4
t24
3
ns
CS High to SYNC HI-Z
t25
10
ns
CS High to Internal SCLK HI-Z
t26
10
ns
CS High to SDOUT HI-Z
t27
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com