Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7641BSTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7641BSTZ
Description  18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7641BSTZ Datasheet(HTML) 3 Page - Analog Devices

  AD7641BSTZ Datasheet HTML 1Page - Analog Devices AD7641BSTZ Datasheet HTML 2Page - Analog Devices AD7641BSTZ Datasheet HTML 3Page - Analog Devices AD7641BSTZ Datasheet HTML 4Page - Analog Devices AD7641BSTZ Datasheet HTML 5Page - Analog Devices AD7641BSTZ Datasheet HTML 6Page - Analog Devices AD7641BSTZ Datasheet HTML 7Page - Analog Devices AD7641BSTZ Datasheet HTML 8Page - Analog Devices AD7641BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary Technical Data
AD7631/AD7634
Rev. PrC | Page 3 of 14
SPECIFICATIONS
AVDD = DVDD = 5 V; OVDD = 2.7 V to 5.5 V; VCC = 15V; VEE = -15V; VREF = 5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
18
Bits
ANALOG INPUT
T
1
Differential Voltage Range
0 to 5V
VIN+ - VIN−
-VREF
VREF
0 to 10V
VIN+ - VIN−
-2VREF
2VREF
±5V
VIN+ - VIN−
-2VREF
2VREF
±10V
VIN+ - VIN−
-4VREF
4VREF
Operating Input Voltage Range
0 to 5V
(VIN+, VIN−) to AGND
-0.1V
VREF + 0.1V
0 to 10V
(VIN+, VIN−) to AGND
-0.1V
2VREF + 0.1V
±5V
(VIN+, VIN−) to AGND
-VREF – 0.1V
VREF + 0.1V
±10V
(VIN+, VIN−) to AGND
-2VREF – 0.1V
2VREF + 0.1V
Common Mode Voltage range
0 to 5V
VIN+, VIN−
VREF/2 – 0.1V
VREF/2
VREF/2 + 0.1V
0 to 10V
VIN+, VIN−
VREF – 0.2V
VREF
VREF + 0.2V
Bipolar ranges
VIN+, VIN−
–0.1V
0
0.1V
Analog Input CMRR
fIN = 100 kHz
TBD
dB
Input Current
@ 670 kSPS throughput
TBD
μA
Input Current
@ 250 kSPS throughput
TBD
μA
Input Impedance
THROUGHPUT SPEED
Complete Cycle
AD7634 in Warp mode
1.49
μs
Throughput Rate
AD7634 in Warp mode
1
670
kSPS
Time between Conversions
AD7634 in Warp mode
1
ms
Complete Cycle
AD7634 in Normal mode
1.75
μs
Throughput Rate
AD7634 in Normal mode
0
570
kSPS
Complete Cycle
AD7634 in Impulse
2.22
μs
Throughput Rate
AD7634 in Impulse mode
0
450
kSPS
Complete Cycle
AD7631
4
μs
Throughput Rate
AD7631
0
250
kSPS
DC ACCURACY
Integral Linearity Error2
VREF = 5V, PDREF = PDBUF = High
±1.75
LSB3
No Missing Codes
18
Bits
Differential Linearity Error
−1
+2
LSB
Transition Noise
0.75
LSB
Bipolar Offset Error
10
LSB
Bipolar Offset Error Temperature Drift
TBD
ppm/°C
Bipolar Full-Scale Error
±60
LSB
Bipolar Full-Scale Error Temperature Drift
TBD
ppm/°C
Power Supply Sensitivity
AVDD = 5 V ± 5%
TBD
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com