Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7641BSTZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7641BSTZ
Description  18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7641BSTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7641BSTZ Datasheet HTML 6Page - Analog Devices AD7641BSTZ Datasheet HTML 7Page - Analog Devices AD7641BSTZ Datasheet HTML 8Page - Analog Devices AD7641BSTZ Datasheet HTML 9Page - Analog Devices AD7641BSTZ Datasheet HTML 10Page - Analog Devices AD7641BSTZ Datasheet HTML 11Page - Analog Devices AD7641BSTZ Datasheet HTML 12Page - Analog Devices AD7641BSTZ Datasheet HTML 13Page - Analog Devices AD7641BSTZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary Technical Data
AD7631/AD7634
Rev. PrC | Page 11 of 14
Pin
No.
Mnemonic
Type1
Description
When a read sequence is initiated and INVSYNC = low, SYNC is driven high and remains high
while SDOUT output is valid.
When a read sequence is initiated and INVSYNC = high, SYNC is driven low and remains low
while SDOUT output is valid.
24
D13
DO
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 13 of the parallel port data output bus.
or RDERROR
When MODE[1:0] = 3 (serial mode), read error. In serial slave mode (EXT/INT = high), this output
is used as an incomplete read error flag. If a data read is started and not completed when the
current conversion is complete, the current data is lost and RDERROR is pulsed high.
25
D14
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 14 of the parallel port data output bus.
or HW/SW
When MODE[1:0] = 3 (serial mode) hardware/software select. This input, part of the serial
programmable port, is used to select hardware or software input ranges and mode selection.
26
D15
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 15 of the parallel port data output bus.
or SPPDATA
When MODE[1:0] = 3 (serial mode), serial programmable port data. This input is used to write in the
serial programmable port data when HW/SW = low.
27
D16
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 16 of the parallel port data output bus.
or SPPCLK
When MODE[1:0] = 3 (serial mode), serial programmable port clock. This input is used to clock in the
data on SPPDATA. The active edge where the data SPPDATA is updated depends on the logic state of
the INVSCLK pin.
28
D17
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 17 of the parallel port data output bus.
or SPPEN
When MODE[1:0] = 3 (serial mode), serial programmable port enable. Asserting this input enables the
serial programmable port.
29
BUSY
DO
Busy Output. Transitions high when a conversion is started and remains high until the conversion
is complete and the data is latched into the on-chip shift register. The falling edge of BUSY can be
used as a data-ready clock signal.
30
TEN
DI
10 Volt Input Range. Refer to Table 8.
When MODE[1:0] = 0, 1, or 2, this input is used to select the 10V input range.
When MODE[1:0] = 3 (serial mode), and
HW/SW = high, driving TEN high selects the 10 Volt input range.
HW/SW = low, the input range is programmed with the serial programmable port and this pin is a
don’t care.
31
RD
DI
Read Data. When CS and RD are both low, the interface parallel or serial output bus is enabled.
32
CS
DI
Chip Select. When CS and RD are both low, the interface parallel or serial output bus is enabled.
CS is also used to gate the external clock in slave serial mode.
33
RESET
DI
Reset Input. When high, resets the ADC. Current conversion, if any, is aborted. Falling edge of
RESET enables the calibration mode indicated by pulsing BUSY high. If not used, this pin can be tied to
DGND.
34
PD
DI
Power-Down Input. When high, power downs the ADC. Power consumption is reduced and
conversions are inhibited after the current one is completed.
35
CNVST
DI
Conversion Start. A falling edge on CNVST puts the internal sample-and-hold into the hold state
and initiates a conversion.
36
BIP
DI
Bipolar Input Range. Refer to Table 8.
When MODE[1:0] = 0, 1, or 2, this input is used to select the bipolar input range.
When MODE[1:0] = 3 (serial mode), and
HW/SW = high, driving BIP high selects the bipolar input range.
HW/SW = low, the input range is programmed with the serial programmable port and this pin is a
don’t care.
37
REF
AI/O
Reference Output/Input.
When PDREF/PDBUF = low, the internal reference and buffer are enabled producing 5 V on this pin.
When PDREF/PDBUF = high, the internal reference and buffer are disabled allowing an externally
supplied voltage reference up to AVDD volts. Decoupling is required with or without the internal
reference and buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com