Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC778 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P87LPC778
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P87LPC778 Datasheet HTML 35Page - NXP Semiconductors P87LPC778 Datasheet HTML 36Page - NXP Semiconductors P87LPC778 Datasheet HTML 37Page - NXP Semiconductors P87LPC778 Datasheet HTML 38Page - NXP Semiconductors P87LPC778 Datasheet HTML 39Page - NXP Semiconductors P87LPC778 Datasheet HTML 40Page - NXP Semiconductors P87LPC778 Datasheet HTML 41Page - NXP Semiconductors P87LPC778 Datasheet HTML 42Page - NXP Semiconductors P87LPC778 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
39 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.10 Oscillator
The P87LPC778 provides several user selectable oscillator options, allowing
optimization for a range of needs from high precision to lowest possible cost. These
are configured when the EPROM is programmed. Basic oscillator types that are
supported include: low, medium, and high speed crystals, covering a range from
20 kHz to 20 MHz; ceramic resonators; and on-chip RC oscillator.
8.10.1
Low speed oscillator option
This option supports an external crystal in the range of 20 kHz to 100 kHz.
8.10.2
Medium speed oscillator option
This option supports an external crystal in the range of 100 kHz to 4 MHz. Ceramic
resonators are also supported in this configuration.
8.10.3
High speed oscillator option
This option supports an external crystal in the range of 4 MHz to 20 MHz. Ceramic
resonators are also supported in this configuration.
Table 36:
KBI - Keyboard interrupt register (address 86H) bit description
Bit
Symbol
Description
7
-
When set, enables P0.7 as a cause of a Keyboard Interrupt.
6
-
When set, enables P0.6 as a cause of a Keyboard Interrupt.
5
-
When set, enables P0.5 as a cause of a Keyboard Interrupt.
4
-
When set, enables P0.4 as a cause of a Keyboard Interrupt.
3
-
When set, enables P0.3 as a cause of a Keyboard Interrupt.
2
-
When set, enables P0.2 as a cause of a Keyboard Interrupt.
1
-
When set, enables P0.1 as a cause of a Keyboard Interrupt.
0
-
When set, enables P0.0 as a cause of a Keyboard Interrupt.
Table 37:
Recommended oscillator capacitors for use with the low frequency oscillator option
Oscillator
Frequency
VDD = 2.7 V to 4.5 V
VDD = 4.5 V to 5.5 V
Lower Limit
Optimal Value
Upper Limit
Lower Limit
Optimal Value
Upper Limit
20 kHz
15 pF
15 pF
33 pF
33 pF
33 pF
47 pF
32 kHz
15 pF
15 pF
33 pF
33 pF
33 pF
47 pF
100 kHz
15 pF
15 pF
33 pF
15 pF
15 pF
33 pF
Table 38:
Recommended oscillator capacitors for use with the medium frequency oscillator option
Oscillator
Frequency
VDD = 2.7 V to 4.5 V
VDD = 4.5 V to 5.5 V
Lower Limit
Optimal Value
Upper Limit
Lower Limit
Optimal Value
Upper Limit
100 kHz
33 pF
33 pF
47 pF
33 pF
33 pF
47 pF
1 MHz
15 pF
15 pF
33 pF
15 pF
22 pF
47 pF
4 MHz
15 pF
15 pF
33 pF
15 pF
15 pF
33 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com