Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC778 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # P87LPC778
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button P87LPC778 Datasheet HTML 25Page - NXP Semiconductors P87LPC778 Datasheet HTML 26Page - NXP Semiconductors P87LPC778 Datasheet HTML 27Page - NXP Semiconductors P87LPC778 Datasheet HTML 28Page - NXP Semiconductors P87LPC778 Datasheet HTML 29Page - NXP Semiconductors P87LPC778 Datasheet HTML 30Page - NXP Semiconductors P87LPC778 Datasheet HTML 31Page - NXP Semiconductors P87LPC778 Datasheet HTML 32Page - NXP Semiconductors P87LPC778 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
29 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
ARL — ‘Arbitration Loss’ is ‘1’ when transmit Active was set, but this device lost
arbitration to another transmitter. Transmit Active is cleared when ARL is ‘1’. There
are four separate cases in which ARL is set:
1. If the program sent a ‘1’ or repeated start, but another device sent a ‘0’, or a stop,
so that SDA is ‘0’ at the rising edge of SCL. (If the other device sent a stop, the
setting of ARL will be followed shortly by STP being set.)
2. If the program sent a ‘1’, but another device sent a repeated start, and it drove
SDA LOW before SCL could be driven LOW. (This type of ARL is always
accompanied by STR = 1.)
3. In master mode, if the program sent a repeated start, but another device sent a
‘1’, and it drove SCL LOW before this device could drive SDA LOW.
4. In master mode, if the program sent stop, but it could not be sent because
another device sent a ‘0’.
STR — ‘STaRt’ is set to a ‘1’ when an I2C-bus start condition is detected at a non-idle
slave or at a master. (STR is not set when an idle slave becomes active due to a start
bit; the slave has nothing useful to do until the rising edge of SCL sets DRDY.)
STP — ‘SToP’ is set to 1 when an I2C-bus stop condition is detected at a non-idle
slave or at a master. (STP is not set for a stop condition at an idle slave.)
MASTER — ‘MASTER’ is ‘1’ if this device is currently a master on the I2C-bus.
MASTER is set when MASTRQ is ‘1’ and the bus is not busy (i.e., if a start bit hasn’t
been received since reset or a ‘Timer I’ time-out, or if a stop has been received since
the last start). MASTER is cleared when ARL is set, or after the software writes
MASTRQ = 0 and then XSTP = 1.
8.7.4
Writing I2CON
Typically, for each bit in an I2C-bus message, a service routine waits for ATN = 1.
Based on DRDY, ARL, STR, and STP, and on the current bit position in the message,
it may then write I2CON with one or more of the following bits, or it may read or write
the I2DAT register.
CXA — Writing a ‘1’ to ‘Clear Xmit Active’ clears the Transmit Active state. (Reading
the I2DAT register also does this.)
8.7.5
Regarding Transmit Active
Transmit Active is set by writing the I2DAT register, or by writing I2CON with
XSTR = 1 or XSTP = 1. The I2C-bus interface will only drive the SDA line low when
Transmit Active is set, and the ARL bit will only be set to ‘1’ when Transmit Active is
set. Transmit Active is cleared by reading the I2DAT register, or by writing I2CON with
CXA = 1. Transmit Active is automatically cleared when ARL is ‘1’.
IDLE — Writing ‘1’ to ‘IDLE’ causes a slave’s I2C-bus hardware to ignore the I2C-bus
until the next start condition (but if MASTRQ is ‘1’, then a stop condition will cause
this device to become a master).
CDR — Writing a ‘1’ to ‘Clear Data Ready' clears DRDY. (Reading or writing the
I2DAT register also does this.)
CARL — Writing a ‘1’ to ‘Clear Arbitration Loss’ clears the ARL bit.
CSTR — Writing a ‘1’ to ‘Clear STaRt’ clears the STR bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com