Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC778 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # P87LPC778
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button P87LPC778 Datasheet HTML 54Page - NXP Semiconductors P87LPC778 Datasheet HTML 55Page - NXP Semiconductors P87LPC778 Datasheet HTML 56Page - NXP Semiconductors P87LPC778 Datasheet HTML 57Page - NXP Semiconductors P87LPC778 Datasheet HTML 58Page - NXP Semiconductors P87LPC778 Datasheet HTML 59Page - NXP Semiconductors P87LPC778 Datasheet HTML 60Page - NXP Semiconductors P87LPC778 Datasheet HTML 61Page - NXP Semiconductors P87LPC778 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
58 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Using the Automatic Address Recognition feature allows a master to selectively
communicate with one or more slaves by invoking the Given slave address or
addresses. All of the slaves may be contacted by using the Broadcast address. Two
special Function Registers are used to define the slave’s address, SADDR, and the
address mask, SADEN. SADEN is used to define which bits in the SADDR are to be
used and which bits are ‘don’t care’. The SADEN mask can be logically ANDed with
the SADDR to create the ‘Given’ address which the master will use for addressing
each of the slaves. Use of the Given address allows multiple slaves to be recognized
while excluding others. The following examples will help to show the versatility of this
scheme:
In the above example SADDR is the same and the SADEN data is used to
differentiate between the two slaves. Slave 0 requires a ‘0’ in bit 0 and it ignores bit 1.
Slave 1 requires a ‘0’ in bit 1 and bit 0 is ignored. A unique address for Slave 0 would
be 1100 0010 since slave 1 requires a ‘0’ in bit 1. A unique address for slave 1 would
be 1100 0001 since a ‘1’ in bit 0 will exclude slave 0. Both slaves can be selected at
the same time by an address which has bit 0 = 0 (for slave 0) and bit 1 = 0 (for
slave 1). Thus, both could be addressed with 1100 0000.
In a more complex system the following could be used to select slaves 1 and 2 while
excluding slave 0:
In the above example the differentiation among the 3 slaves is in the lower 3 address
bits. Slave 0 requires that bit 0 = 0 and it can be uniquely addressed by 1110 0110.
Slave 1 requires that bit 1 = 0 and it can be uniquely addressed by 1110 and 0101.
Slave 2 requires that bit 2 = 0 and its unique address is 1110 0011. To select Slaves 0
and 1 and exclude Slave 2 use address 1110 0100, since it is necessary to make bit
2 = 1 to exclude slave 2. The Broadcast Address for each slave is created by taking
the logical OR of SADDR and SADEN. Zeros in this result are treated as don’t-cares.
In most cases, interpreting the don’t-cares as ones, the broadcast address will be FF
hexadecimal. Upon reset SADDR and SADEN are loaded with 0s. This produces a
given address of all ‘don’t cares’ as well as a Broadcast address of all ‘don’t cares’.
This effectively disables the Automatic Addressing mode and allows the
microcontroller to use standard UART drivers which do not make use of this feature.
Table 53:
Slave 0/1 examples
Example 1
Example 2
Slave 0
SADDR = 1100 0000
Slave 1
SADDR = 1100 0000
SADEN = 1111 1101
SADEN = 1111 1110
Given = 1100 00X0
Given = 1100 000X
Table 54:
Slave 0/1/2 examples
Example 1
Example 2
Example 3
Slave 0
SADDR = 1100 0000
Slave 1
SADDR = 1110 0000
Slave 2
SADDR = 1110 0000
SADEN = 1111 1001
SADEN = 1111 1010
SADEN = 1111 1100
Given = 1100 0XX0
Given = 1110 0X0X
Given = 1110 00XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com