Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4643 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4643
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4643 Datasheet HTML 3Page - Analog Devices LTM4643 Datasheet HTML 4Page - Analog Devices LTM4643 Datasheet HTML 5Page - Analog Devices LTM4643 Datasheet HTML 6Page - Analog Devices LTM4643 Datasheet HTML 7Page - Analog Devices LTM4643 Datasheet HTML 8Page - Analog Devices LTM4643 Datasheet HTML 9Page - Analog Devices LTM4643 Datasheet HTML 10Page - Analog Devices LTM4643 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
LTM4710-1
7
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
GND (Bank 1, Banks 10 – 12, Pin A9): Power Ground
Pins for All Input and Output Returns.
VIN1, VIN2, VIN3, VIN4 (Banks 2 – 5, Pin D9): Power Input
Pins. Apply input voltage between these pins and GND
pins. Recommend placing input decoupling capacitance
directly between VIN pins and GND pins.
VOUT1, VOUT2, VOUT3, VOUT4 (Banks 6 – 9): Power Output
Pins of Each Switching Mode Regulator. Apply output load
between these pins and GND pins. Recommend placing
output decoupling capacitance directly between these
pins and GND pins.
RUN1, RUN2, RUN3, RUN4 (Pins A5, F5, K5, R5):
Enables chip operation by connecting RUN above 0.4V.
Connecting it to GND shuts down the device.
FB1, FB2, FB3, FB4 (Pins A6, F6, K6, R6): The nega-
tive input of the error amplifier for the switching mode
regulator channel. The LTM4710-1 regulates the voltage
between FB and AGND to 500mV. For FB1, this pin is
internally connected to VOSNS1 with a 10k 0.5% precision
resistor. Different output voltages can be programmed
with an additional resistor between VOSNS1 and AGND. For
FB2, FB3 and FB4, a resistor divider connecting to VOUT
sets the output voltage. In PolyPhase® operation, tie the
FB pins to VIN to disable the internal error amplifier. See
the Applications Information section for details.
SSTT1, SSTT2, SSTT3, SSTT4 (Pins B5, G5, L5, T5):
Soft-Start, Tracking and Temperature Monitor Pins. An
internal 10μA current into an external capacitor on the
soft-start pin programs the output voltage ramp rate
during start-up. When SSTT is below 0.5V, the VFB pin
voltage will track the SSTT pin voltage. When SSTT is
above 0.5V, the tracking function is disabled, the internal
reference resumes control of the error amplifier and the
SSTT pin servos to a voltage representative of a junction
temperature. During shutdown and fault conditions, the
SSTT pin is pulled to ground.
COMP1b, COMP2b, COMP3b, COMP4b (Pins B6, G6,
L6, T6): Internal Compensation Network. These pins are
to be connected to their respective COMPa pins. When
utilizing specific external compensation, float these pins.
PG1, PG2, PG3, PG4 (Pins C5, H5, M5, U5): Output
power good with open-drain logic of the switching mode
regulator channel. PG is pulled to ground when the voltage
on the FB pin is not within –2% and +10% of the internal
0.5V reference.
COMP1a, COMP2a, COMP3a, COMP4a (Pins C6, H6, M6,
U6): Current control threshold and error amplifier com-
pensation point of the switching mode regulator channel.
MODE1, MODE2, MODE3, MODE4 (Pins D5, J5, N5,
V5): MODE pin facilitates multiphase operation and syn-
chronization to an external clock. Depending on the mode
of operation, the MODE either accepts a clock pulse or
outputs a clock pulse at its operating frequency. See the
Applications Information section for details.
RT1, RT2, RT3, RT4 (Pins D6, J6, N6, V6): The fre-
quency pin sets the oscillator frequency with an exter-
nal resistor to AGND or sets the phasing for multiphase
operation. See the Applications Information of section for
frequency adjustment.
VOSNS1 (Pin D7): Output Voltage Sense Pin of Channel 1.
Internally, this pin is connected to the FB1 pin with a 10k,
0.5% precision resistor. It is very important to connect
this pin to the VOUT1 since this is the feedback path and
cannot be left open. See the Applications Information
section for details.
AGND1, AGND2, AGND3, AGND4 (Pins D8, H7, L7, U7):
The AGND pin is the output voltage remote ground sense.
Connect the AGND pin directly to the negative terminal
of the output capacitor at the load and to the feedback
divider resistor.
SW1, SW2, SW3, SW4 (Pins G2, K2, N2, T2): Switching
node waveform monitoring.
NC (Pins A7, A8, B7, B8, B9, C7, C8, C9): No Connection.
Leave these pins open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com