Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4643 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4643
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 3 Page - Analog Devices

  LTM4643 Datasheet HTML 1Page - Analog Devices LTM4643 Datasheet HTML 2Page - Analog Devices LTM4643 Datasheet HTML 3Page - Analog Devices LTM4643 Datasheet HTML 4Page - Analog Devices LTM4643 Datasheet HTML 5Page - Analog Devices LTM4643 Datasheet HTML 6Page - Analog Devices LTM4643 Datasheet HTML 7Page - Analog Devices LTM4643 Datasheet HTML 8Page - Analog Devices LTM4643 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM4710-1
3
Rev. 0
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
2.5
5.5
V
VOUT(RANGE)
Output Voltage Range
l
0.5
3.6
V
VIN_UVLO
VIN Undervoltage Lockout
VIN Rising
2.0
2.1
2.2
V
VIN_UVLO_HYS
VIN Undervoltage Lockout Hysteresis
150
mV
VRUN
RUN Pin On-Threshold
VRUN Rising
0.375
0.4
0.425
V
VRUN_HYS
RUN Pin Hysteresis
75
mV
IRUN
RUN Pin Leakage Current
RUN = 0.4V
±20
nA
IQ(VIN)
Input Supply Current
VOUT = 0.5V, MODE = FLOAT, FCM
Shutdown, RUN = 0V (Note 5)
50
2
mA
µA
IOUT(DC)
Output Continuous Current Range
VOUT = 0.5V (Note 3)
8
A
ΔVOUT (LINE)/VOUT
Line Regulation Accuracy
VOUT = 0.5V, VIN = 2.5V to 5.5V, IOUT = 0A
0.2
%/V
ΔVOUT (LOAD)/VOUT
Load Regulation Accuracy
VOUT = 0.5V, IOUT = 0A to 8A
l
0.5
1.5
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, VOUT = 0.5V
12
mV
ISSTT
Track Pin Soft-Start Pull-Up Current
VSSTT = 0.5V
7
10
13
μA
VFB
Voltage at VFB Pin
l
0.495
0.50
0.505
V
IFB
Current at VFB Pin
(Note 4)
±20
nA
tON(MIN)
Minimum On-Time
40
ns
VPG
Power Good Rising Threshold
Power Good Overvoltage Threshold
VFB as a Percentage of Regulated VOUT
VFB as a Percentage of Regulated VOUT
98
110
%
%
IPG
Power Good Leakage
VPG = 5.5V
50
nA
fOSC
Oscillator Frequency Range
1
5
MHz
SYNC_RANGE
Synchronization Frequency Range
RT = VIN
1.2
2.6
MHz
SYNC_LEVEL Input
Clock Level High
Clock Level Low
RT = VIN
1.2
0.4
V
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over specified internal
operating junction temperature range (Note 2), otherwise specifications are at TA = 25°C, VIN = 3.3V, per the typical application.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4710-1 is tested under pulsed load conditions such
that TJ ≈ TA. The LTM4710E-1 is guaranteed to meet performance
specifications over the 0°C to 125°C internal operating temperature
range. Specifications over the full –40°C to 125°C internal operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTM4710I-1 is guaranteed to meet
specifications over the full –40°C to 125°C internal operating temperature
range. Note that the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance and
other environmental factors.
Note 3: See output current thermal derating curves for different VIN, VOUT
and TA.
Note 4: Wafer sort tested.
Note 5: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com