Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4643 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4643
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 2 Page - Analog Devices

  LTM4643 Datasheet HTML 1Page - Analog Devices LTM4643 Datasheet HTML 2Page - Analog Devices LTM4643 Datasheet HTML 3Page - Analog Devices LTM4643 Datasheet HTML 4Page - Analog Devices LTM4643 Datasheet HTML 5Page - Analog Devices LTM4643 Datasheet HTML 6Page - Analog Devices LTM4643 Datasheet HTML 7Page - Analog Devices LTM4643 Datasheet HTML 8Page - Analog Devices LTM4643 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PART NUMBER
PAD OR BALL FINISH
PART MARKING
PACKAGE TYPE
MSL RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4710EV-1#PBF
SAC305 (RoHS)
4710-1
e1
LGA with Presolder
4
–40°C to 125°C
LTM4710IV-1#PBF
SAC305 (RoHS)
4710-1
e1
LGA with Presolder
4
–40°C to 125°C
• Contact the factory for parts specified with wider operating temperature
ranges. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings
LTM4710-1
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
All Pins Except GND and AGNDn ................. –0.3V to 6V
Operating Junction
Temperature (Note 2)............................. –40°C to 125°C
(Note 1)
ORDER INFORMATION
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Body Temperature .................250°C
(See Pin Functions, Package Pinout Description table)
A
B
C
D
E
F
G
TOP VIEW
H
J
K
L
M
N
P
R
T
U
V
LGA WITH PRESOLDER PACKAGE
162-PIN (12mm × 6mm × 3.54mm)
TJMAX = 125°C, θJA = 12.2°C/W, θJCTOP = 6.2°C/W, θJCBOT = 2.7°C/W
WEIGHT = 0.58g
NOTES:
1. θ VALUES ARE DETERMINED BY SIMULATION PER JESD-51 CONDITIONS.
2. θJA VALUE IS OBTAINED WITH DEMO BOARD.
3. REFER TO APPLICATIONS INFORMATION SECTION FOR LAB MEASURMENT AND DE-RATING INFORMATION.
1
2
3
4
5
6
7
8
9
NC
NC
RUN1
FB1
GND
NC
NC
SSTT1
COMP1b
NC
NC
NC
PG1
COMP1a
NC
VOSNS1
AGND1
MODE1
RT1
RUN2
FB2
SSTT2
COMP2b
PG2
COMP2a
MODE2
RT2
RUN3
FB3
SSTT3
COMP3b
AGND3
PG3
COMP3a
MODE3
RT3
RUN4
FB4
SSTT4
COMP4b
PG4
COMP4a
MODE4
RT4
VIN1
BANK6
BANK10
GND
BANK7
BANK8
BANK11
GND
BANK9
VOUT4
VOUT3
VOUT2
VOUT1
BANK12
GND
AGND2
AGND4
BANK1
GND
GND
GND
GND
SW3
SW4
SW1
SW2
GND
BANK3
VIN2
BANK2
VIN1
BANK4
VIN3
BANK5
VIN4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com