Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8145YCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8145YCPZ-R7
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145YCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8145YCPZ-R7 Datasheet HTML 1Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 2Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 3Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 4Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 5Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 6Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 7Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8145
Rev. 0 | Page 5 of 24
TA = 25°C, VS = ±2.5 V, REF = 0 V, RL = 1 kΩ, CL = 2 pF, G = 1, TMIN to TMAX = −40°C to +105°C, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT = 0.2 V p-p
450
MHz
VOUT = 2 V p-p
425
MHz
VOUT = 0.2 V p-p, G = 2, RL = 150 Ω
180
MHz
VOUT = 2 V p-p, G = 2, RL = 150 Ω
180
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 2 V p-p
53
MHz
VOUT = 2 V p-p, G = 2, RL = 150 Ω
100
MHz
Slew Rate
VOUT = 2 V p-p
2000
V/μs
VOUT = 2 V p-p, G = 2, RL = 150 Ω
2000
V/μs
Settling Time
VOUT = 2 V p-p, 0.1%
16
ns
Output Overdrive Recovery
10
ns
NOISE/DISTORTION
Second Harmonic
VOUT = 1 V p-p, 1 MHz
−71
dBc
Third Harmonic
VOUT = 1 V p-p, 1 MHz
−76
dBc
Crosstalk
VOUT = 1 V p-p, 10 MHz
−62
dB
Input Voltage Noise (RTI)
f ≥ 10 kHz
13
nV/√Hz
INPUT CHARACTERISTICS
Common-Mode Rejection
DC, VCM = −3.5 V to +3.5 V
78
86
dB
VCM = 1 V p-p, f = 10 MHz
72
dB
VCM = 1 V p-p, f = 100 MHz
43
dB
Common-Mode Voltage Range
V+IN − V−IN = 0 V
±1.25
V
Differential Operating Range
±1.6
V
Resistance
Differential
1
Common mode
1.3
Capacitance
Differential
1
pF
Common mode
2
pF
DC PERFORMANCE
Closed-Loop Gain
DC, G = 2
1.960
1.985
2.016
V/V
Output Offset Voltage
G = 2
−13.5
−4.5
2
mV
TMIN to TMAX
−18
μV/°C
Input Bias Current (+IN, −IN)
−6
−3.5
−0.9
μA
Input Bias Current Drift
TMIN to TMAX (+IN, −IN)
25
nA/°C
Input Offset Current
−400
−60
300
nA
OUTPUT PERFORMANCE
Voltage Swing
RL = 150 Ω/1 kΩ
−1.35
1.3
V
Output Current
25
mA
Short-Circuit Current
Short to GND, source/sink
100/−100
mA
POWER-DOWN PERFORMANCE
Power-Down VIH
VS+ − 1.5
V
Power-Down VIL
VS+ − 2.5
V
Power-Down IIH
0.25
μA
Power-Down IIL
50
μA
Power-Down Assert Time
1
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com