Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8145YCPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8145YCPZ-R7
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145YCPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8145YCPZ-R7 Datasheet HTML 12Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 13Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 14Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 15Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 16Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 17Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 18Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 19Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8145
Rev. 0 | Page 16 of 24
To achieve unity gain from VREF to VOUT in this configuration,
divide VREF by the same factor used in the feedback loop; the
divider resistors, RD, need not be the same values used in the
internal feedback loop. Figure 35 illustrates this approach.
GAIN
REF
R
R
0.01µF
0.01µF
+5V
–5V
C
VREF
VOUT
VIN
RD
RD
Figure 35. Basic Gain Circuit: VOUT = 2VIN + VREF
The gain equation for the circuit in Figure 35 is
VOUT = 2VIN + VREF
(3)
Another configuration that provides the same gain equation as
Equation 3 is shown in Figure 36. In this configuration, it is
important to keep the source resistance of VREF much smaller
than 350 Ω to avoid gain errors.
GAIN
REF
R
R
0.01µF
0.01µF
+5V
–5V
C
VREF
VOUT
VIN
Figure 36. Basic Gain Circuit: VOUT = 2VIN + VREF
For stability reasons, the inductance of the trace connected to
the REF pin must be kept to less than 10 nH. The typical
inductance of 50 Ω traces on the outer layers of the FR-4 boards
is 7 nH/in, and on the inner layers, it is typically 9 nH/in. Vias
must be accounted for as well. The inductance of a typical via in
a 0.062 inch board is on the order of 1.5 nH. If longer traces are
required, a 200 Ω resistor should be placed in series with the
trace to reduce the Q-factor of the inductance.
In many dual-supply applications, VREF can be directly
connected to ground right at the device.
TERMINATING THE INPUT
One of the key benefits of the active feedback architecture is the
separation that exists between the differential input signal and
the feedback network. Because of this separation, the differential
input maintains its high CMRR and provides high differential
and common-mode input impedances, making line termination
a simple task.
Most applications that use the AD8145 involve transmitting
broadband video signals over 100 Ω UTP cable and use
dc-coupled terminations. The two most common types of
dc-coupled terminations are differential and common-mode.
Differential termination of 100 Ω UTP is implemented by
simply connecting a 100 Ω resistor across the amplifier input,
as shown in Figure 37.
GAIN
REF
R
R
0.01µF
0.01µF
+5V
–5V
C
OUT
VOUT
VIN
100Ω
UTP
100Ω
Figure 37. Differential-Mode Termination with G = 1
Some applications require common-mode terminations for
common-mode currents generated at the transmitter. In these
cases, the 100 Ω termination resistor is split into two 50 Ω
resistors. The required common-mode termination voltage is
applied at the tap between the two resistors. In many of these
applications, the common-mode tap is connected to ground
(VTERM (CM) = 0). This scheme is illustrated in Figure 38.
GAIN
REF
R
R
0.01µF
0.01µF
+5V
–5V
C
OUT
VOUT
VIN
100Ω
UTP
50Ω
50Ω
VTERM(CM)
Figure 38. Common-Mode Termination with G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com