Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8145YCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8145YCPZ-R7
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145YCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8145YCPZ-R7 Datasheet HTML 4Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 5Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 6Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 7Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 9Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 10Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 11Page - Analog Devices AD8145YCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8145
Rev. 0 | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTION
PIN 1
INDICATOR
1
GND
2
REF_G
3
GAIN_G
4
IN+_G
5
IN–_G
6
REF_R
7
GAIN_R
8
GND
24 GND
23 OUT_B
22 OUT_G
21 OUT_R
20 VS+
19 COMPB_IN+
18 COMPB_IN–
17 GND
AD8145
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD ON UNDERSIDE OF DEVICE
MUST BE CONNECTED TO GROUND.
Figure 3. 32-Lead LFCSP Pin Configuration
Table 5. 32-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8, 9,16, 17, 24, 25, 32
GND
Signal Ground and Thermal Plane Connection. (See the Absolute Maximum Ratings section.)
2
REF_G
Reference Input, Green Channel.
3
GAIN_G
Gain Connection, Green Channel.
4
IN+_G
Noninverting Input, Green Channel.
5
IN−_G
Inverting Input, Green Channel.
6
REF_R
Reference Input, Red Channel.
7
GAIN_R
Gain Connection, Red Channel.
10
IN+_R
Noninverting Input, Red Channel.
11
IN−_R
Inverting Input, Red Channel.
12
COMPA_IN+
Positive Input, Comparator A.
13
COMPA_IN-
Negative Input, Comparator A.
14
COMPA_OUT
Output, Comparator A.
15
COMPB_OUT
Output, Comparator B.
18
COMPB_IN-
Negative Input, Comparator B.
19
COMPB_IN+
Positive Input, Comparator B.
20
VS+
Positive Power Supply.
21
OUT_R
Output, Red Channel.
22
OUT_G
Output, Green Channel.
23
OUT_B
Output, Blue Channel.
26
VS−
Negative Power Supply.
27
DIS/PD
Disable/Power Down.
28
REF_B
Reference Input, Blue Channel.
29
GAIN_B
Gain Connection, Blue Channel.
30
IN+_B
Noninverting Input, Blue Channel.
31
IN−_B
Inverting Input, Blue Channel.
Exposed Underside Pad
GND
Signal Ground and Thermal Plane Connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com