Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8190ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8190ACPZ-R7
Description  2:1 HDMI/DVI Switch with Equalization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8190ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8190ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8190
Rev. 0 | Page 14 of 24
SERIAL CONTROL INTERFACE
RESET
On initial power-up, or at any point in operation, the AD8190
register set can be restored to the default values by pulling the
RESET pin to low according to the specification in Table 1.
During normal operation, however, the RESET pin must be
pulled up to 3.3 V. Pulling the RESET pin to low sets the
HS_CH register to 0 (Input A) and incurs the associated
switching delay before the input can be switched to Input B,
regardless of the previous state of the AD8190.
WRITE PROCEDURE
To write data to the AD8190 register set, an I2C master (such as
a microcontroller) needs to send the appropriate control signals
to the AD8190 slave device. The signals are controlled by the
I2C master unless otherwise specified. For a diagram of the
procedure, see Figure 29. The steps for a write procedure are as
follows:
1.
Send a start condition (while holding the I2C_SCL line
high, pull the I2C_SDA line low).
2.
Send the AD8190 part address (seven bits). The upper six
bits of the AD8190 part address are the static value
[100100] and the LSB is set by Input Pin I2C_ADDR. This
transfer should be MSB first.
3.
Send the write indicator bit (0).
4.
Wait for the AD8190 to acknowledge the request.
5.
Send the register address (eight bits) to which data is to be
written. This transfer should be MSB first.
6.
Wait for the AD8190 to acknowledge the request.
7.
Send the data (eight bits) to be written to the register
whose address was set in Step 5. This transfer should be
MSB first.
8.
Wait for the AD8190 to acknowledge the request.
9.
Do one of the following:
a.
Send a stop condition (while holding the I2C_SCL
line high, pull the I2C_SDA line high) and release
control of the bus to end the transaction (shown in
Figure 29).
b.
Send a repeated start condition (while holding the
I2C_SCL line high, pull the I2C_SDA line low) and
continue with Step 2 in this procedure to perform
another write.
c.
Send a repeated start condition (while holding the
I2C_SCL line high, pull the I2C_SDA line low) and
continue with Step 2 of the read procedure (in the
Read Procedure section) to perform a read from
another address.
d.
Send a repeated start condition (while holding the
I2C_SCL line high, pull the I2C_SDA line low) and
continue with Step 8 of the read procedure (in the
Read Procedure section) to perform a read from the
same address set in Step 5.
R/W
ACK
ACK
ADDR
START
FIXED ADDR PART
REGISTER ADDR
DATA
STOP
ACK
1
2
3
4
5
6
7
8
9
I2C_SCL
GENERAL CASE
I2C_SDA
EXAMPLE
I2C_SDA
*THE SWITCHING/UPDATE DELAY BEGINS AT THE FALLING EDGE OF THE
LAST DATA BIT; FOR EXAMPLE, THE FALLING EDGE JUST BEFORE STEP 8.
*
Figure 29. I2C Write Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com