Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8190ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8190ACPZ-R7
Description  2:1 HDMI/DVI Switch with Equalization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8190ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8190ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8190
Rev. 0 | Page 16 of 24
CONFIGURATION REGISTERS
The serial interface configuration registers can be read and written using the I2C serial interface, Pin I2C_SDA, and Pin I2C_SCL.
The LSB of the AD8190 I2C part address is set by tying Pin I2C_ADDR to 3.3 V (I2C_ADDR = 1) or 0 V (I2C_ADDR = 0).
Table 5. Register Map
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Addr.
Default
High speed
switch enable
High speed
source select
High Speed
Device
Modes
HS_EN
HS_CH
0x00
0x40
Auxiliary
switch enable
Auxiliary
switch
source select
Auxiliary
Device
Modes
AUX_EN
AUX_CH
0x01
0x40
High speed
input
termination
select
Receiver
Settings
RX_TO
0x10
0x01
Input termination pulse-on-source-switch select (disconnect termination for a short period of time)
Input
Termination
Pulse
RX_PT[7]
RX_PT[6]
RX_PT[5]
RX_PT[4]
RX_PT[3]
RX_PT[2]
RX_PT[1]
RX_PT [0]
0x11
0x00
Input equalization level select
Receive
Equalizer
RX_EQ[7]
RX_EQ[6]
RX_EQ[5]
RX_EQ[4]
RX_EQ[3]
RX_EQ[2]
RX_EQ[1]
RX_EQ[0]
0x13
0x00
High speed output
pre-emphasis level
select
High speed
output
termination
select
High speed
output
current level
select
Transmitter
Settings
TX_PE[1]
TX_PE[0]
TX_PTO
TX_OCL
0x20
0x03
HIGH SPEED DEVICE MODES REGISTER
HS_EN: High Speed (TMDS) Switch Enable Bit
Table 6. HS_EN Description
HS_EN
Description
0
High speed channels off, low power/standby mode
1
High speed channels on
HS_CH: High Speed (TMDS) Source Select Bit
Table 7. HS_CH Mapping
HS_CH
O[3:0]
Description
0
A[3:0]
High speed Source A switched to output
1
B[3:0]
High speed Source B switched to output
AUXILIARY DEVICE MODES REGISTER
AUX_EN: Auxiliary (Low Speed) Switch Enable Bit
Table 8. AUX_EN Description
AUX_EN
Description
0
Auxiliary switch off, no low speed input/output to
low speed common input/output connection
1
Auxiliary switch on
AUX_CH: Auxiliary (Low Speed) Switch Source Select Bit
Table 9. AUX_CH Mapping
AUX_CH
AUX_COM[3:0]
Description
0
AUX_A[3:0]
Auxiliary Source A switched to
output
1
AUX_B[3:0]
Auxiliary Source B switched to
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com