Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8190ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8190ACPZ-R7
Description  2:1 HDMI/DVI Switch with Equalization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8190ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8190ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8190ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8190
Rev. 0 | Page 19 of 24
CABLE LENGTHS AND EQUALIZATION
The AD8190 offers two levels of programmable equalization
for the high speed inputs: 6 dB and 12 dB. The equalizer of
the AD8190 is optimized for video data rates of 1.65 Gbps,
and as shown in Figure 14, it can equalize up to 20 meters of
24 AWG HDMI cable at data rates corresponding to the video
format, 1080p.
The length of cable that can be used in a typical HDMI/DVI
application depends on a large number of factors including:
•
Cable quality: the quality of the cable in terms of conductor
wire gauge and shielding. Thicker conductors have lower
signal degradation per unit length.
•
Data rate: the data rate being sent over the cable. The signal
degradation of HDMI cables increases with data rate.
•
Edge rates: the edge rates of the source input. Slower input
edges result in more significant data eye closure at the end
of a cable.
•
Receiver sensitivity: the sensitivity of the terminating
receiver.
As such, specific cable types and lengths are not recom-
mended for use with a particular equalizer setting. In
nearly all applications, the AD8190 equalization level can
be set to high, or 12 dB, for all input cable configurations
at all data rates, without degrading the signal integrity.
THE AD8190 AS A SINGLE-CHANNEL BUFFER
The AD8190 can be used as a single-channel TMDS buffer
without the need for any external I2C control. In its default
configuration, the AD8190 connects both the high speed and
low speed channels of Input A to their respective outputs, sets
the input equalization level to 6 dB, the output pre-emphasis
level to 0 dB, enables both the output and input terminations,
and provides a fully functioning HDMI link with TMDS
buffering.
The AD8190 enters this default state whenever the RESET pin
is pulled to low in accordance with the specification in Table 1.
PCB LAYOUT GUIDELINES
The AD8190 is used to switch two distinctly different types of
signals, both of which are required for HDMI and DVI video.
These signal groups require different treatment when laying out
a PC board.
The first group of signals carries the audiovisual (AV) data.
HDMI/DVI video signals are differential, unidirectional, and
high speed (up to 1.65 Gbps). The channels that carry the video
data must be controlled impedance, terminated at the receiver,
and capable of operating up to at least 1.65 Gbps. It is especially
important to note that the differential traces that carry the
TMDS signals should be designed with a controlled differential
impedance of 100 Ω. The AD8190 provides single-ended 50 Ω
terminations on-chip for both its inputs and outputs, and both
the input and output terminations can be enabled or disabled
through the serial interface. Transmitter termination is not fully
specified by the HDMI standard but its inclusion improves the
overall system signal integrity.
The audiovisual (AV) data carried on these high speed channels
is encoded by a technique called transition minimized differ-
ential signaling (TMDS) and in the case of HDMI, is also encrypted
according to the high bandwidth digital copy protection (HDCP)
standard.
The second group of signals consists of low speed auxiliary
control signals used for communication between a source and a
sink. Depending upon the application, these signals can include
the DDC bus (this is an I2C bus used to send EDID information
and HDCP encryption keys between the source and the sink),
the consumer electronics control (CEC) line, and the hot plug
detect (HPD) line. These auxiliary signals are bidirectional, low
speed, and transferred over a single-ended transmission line
that does not need to have controlled impedance. The primary
concern with laying out the auxiliary lines is ensuring that they
conform to the I2C bus standard and do not have excessive
capacitive loading.
TMDS Signals
In the HDMI/DVI standard, four differential pairs carry the
TMDS signals. In DVI, three of these pairs are dedicated to
carrying RGB video and sync data. For HDMI, audio data is
also interleaved with the video data; the DVI standard does
not incorporate audio information. The fourth high speed
differential pair is used for the AV data-word clock, and runs
at one-tenth the speed of the TMDS data channels.
The four high speed channels of the AD8190 are identical.
No concession was made to lower the bandwidth of the fourth
channel for the pixel clock, so any channel can be used for any
TMDS signal. The user chooses which signal is routed over
which channel. Additionally, the TMDS channels are symmetrical;
therefore, the p and n of a given differential pair are inter-
changeable, provided the inversion is consistent across all inputs
and outputs of the AD8190. However, the routing between
inputs and outputs through the AD8190 is fixed. For example,
Output Channel 0 always switches between Input A0 and
Input B0, and so forth.
The AD8190 buffers the TMDS signals and the input traces can
be considered electrically independent of the output traces. In
most applications, the quality of the signal on the input TMDS
traces are more sensitive to the PCB layout. Regardless of the
data being carried on a specific TMDS channel, or whether the
TMDS line is at the input or the output of the AD8190, all four
high speed signals should be routed on a PCB in accordance
with the same RF layout guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com