Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM467 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # AM467
Description  Precision amplifier for bridge circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM467 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  AM467 Datasheet HTML 1Page - WOLFSPEED, INC. AM467 Datasheet HTML 2Page - WOLFSPEED, INC. AM467 Datasheet HTML 3Page - WOLFSPEED, INC. AM467 Datasheet HTML 4Page - WOLFSPEED, INC. AM467 Datasheet HTML 5Page - WOLFSPEED, INC. AM467 Datasheet HTML 6Page - WOLFSPEED, INC. AM467 Datasheet HTML 7Page - WOLFSPEED, INC. AM467 Datasheet HTML 8Page - WOLFSPEED, INC. AM467 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Precision amplifier for bridge circuits
AM467
analog microelectronics
February 2011
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
3/9
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 1.1
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
FEATURES
• Wide differential input voltage range
(
±5 mV FS...±100 mV FS)
• Low offset
• Low offset drift
• Low input noise
• High CMRR: > 120 dB
• Wide operating temperature range:
– 40 °C... +125 °C
• Adjustable span of output signal
• Adjustable offset of output signal
• Rail-to-rail output stage:
VOUT = 0.2 V ... VCC – 0.2 V
• Sink/source output
• Single ratiometric supply: V
CC = 5 V
• Integrated EMV protective functions
• Overvoltage protection 12 V
• Integrated ESD protective functions
• Short-circuit-proofing
• Small-scale design
• Low cost circuit
GENERAL DESCRIPTION
AM467 is a high-precision integrated amplifier
which has been developed as signal condition
circuit for small differential input voltages within
a range of a few millivolts (
±5 to ±100 mV FS).
The chief component of the IC is a highly
accurate, low-noise amplifier circuit which can
be adjusted to the sensing elements using an
external network of resistors. Offset and span of
the output signal are adjustable in the range of
0.2 to Vcc-0.2Volt.
The rail-to-rail output makes the IC suitable for
the amplification of DMS and piezoceramic
sensing elements and GMR measuring cells with
respect to the specific calibration network.
BLOCK DIAGRAM
Figure 1: Block diagram for AM467
AM467
Input-
amplifier
Biasing
Unit
Output
stage
Short circuit
protection
Current limitation
VCC
OUT
GND
1
4
8
IN+
3
IN- 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com