Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM467 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # AM467
Description  Precision amplifier for bridge circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM467 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  AM467 Datasheet HTML 1Page - WOLFSPEED, INC. AM467 Datasheet HTML 2Page - WOLFSPEED, INC. AM467 Datasheet HTML 3Page - WOLFSPEED, INC. AM467 Datasheet HTML 4Page - WOLFSPEED, INC. AM467 Datasheet HTML 5Page - WOLFSPEED, INC. AM467 Datasheet HTML 6Page - WOLFSPEED, INC. AM467 Datasheet HTML 7Page - WOLFSPEED, INC. AM467 Datasheet HTML 8Page - WOLFSPEED, INC. AM467 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Precision amplifier for bridge circuits
AM467
analog microelectronics
February 2011
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
4/9
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 1.1
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
ELECTRICAL SPECIFICATIONS
(with reference to the example application)
Tamb = 25°C, VCC = 5V (unless otherwise stated)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Voltage Range
VCC
4.5
5
5.5
V
Quiescent Current
ICC
Tamb = – 40 ... +125°C
170
320
530
µA
Temperature Specifications
Operating
Tamb
–45
125
°C
Storage
Tst
–55
150
°C
Junction
TJ
150
°C
Amplifier AMP
Offset Voltage
VOS
±
0.1
±
0.3
mV
VOS vs. Temperature
dVOS/dT
Tamb= -45 … 105°C
±
0.5
±
3
µV/°C
VOS vs. Temperature
dVOS/dT
Tamb= 105 … 125°C
±
6
µV/°C
Input Bias Current
IB
30
200
nA
IB vs. Temperature
dIB/dT
VCM = 2.5V
Tamb= -45…125°C
–0.13
–0.6
nA/°C
Differential Input Voltage
VIN
VIN =Vout+ – Vout-
See Figure 2
±
5
±
100
mV
Input Offset Current
IOS
±
0.5
±
5
nA
IOS vs. Temperature
dIOS/dT
VCM = 2.5V
Tamb= -45 … 125°C
±
2.5
±
30
pA/°C
Input Resistance
RIN
VCM / IB,typ (VCM = 2.5V)
80
M
Ω
Input Capacitance
CIN
By design
90
pF
Common Mode Input Range
CMIR
1
3.7
V
Common Mode Rejection Ratio
CMRR
100
120
dB
Open Loop Gain
G0
C1 = 1nF; Iout = 1µA
120
140
dB
Adjustable Gain
G
10
Output Voltage Range
VOUT
0.2
VCC – 0.2
V
Guaranteed Max Output Current
IOUT
Sink and source
250
µA
Output Load Resistance
RL
source
and
sink
,
/
OUT
OUT
I
V
=
20
k
Ω
Power Supply Rejection Ratio
PSRR
90
110
dB
Gain Bandwidth Product
GBW
R1,2=1k Rk=10k, C1=1nF,
Ck=100pF, no RL
190
310
kHz
Non Linearity
NL = G/Go, G = 100
10
-4
Slew Rate
SR
C1 = 1nF; RL = 20k
Ω
0.2
0.3
V/µs
Input Voltage Noise
en
Rs = 100
Ω; V
CC = 5V ; fg=1kHz
with Rs = Source Impedance
13.5
20
nV/
√Hz
Overvoltage Protection
12
V
Table 1: Specifications
Currents flowing into the IC are negative. VCM = Input Common Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com