Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM467 Datasheet (PDF) - WOLFSPEED, INC.

AM467 Datasheet PDF - WOLFSPEED, INC.
Part # AM467
Download  AM467 Download
File Size   63.51 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Precision amplifier for bridge circuits

AM467 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM467 Datasheet PDF - WOLFSPEED, INC.

Part # AM467
Download  AM467 Click to download

File Size   63.51 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Precision amplifier for bridge circuits

AM467 Datasheet (HTML) - WOLFSPEED, INC.


AM467 Product details

FEATURES
· Wide differential input voltage range
(±5 mV FS...±100 mV FS)
· Low offset
· Low offset drift
· Low input noise
· High CMRR: > 120 dB
· Wide operating temperature range:
– 40 °C... +125 °C
· Adjustable span of output signal
· Adjustable offset of output signal
· Rail-to-rail output stage:
VOUT = 0.2 V ... VCC – 0.2 V
· Sink/source output
· Single ratiometric supply: VCC = 5 V
· Integrated EMV protective functions
· Overvoltage protection 12 V
· Integrated ESD protective functions
· Short-circuit-proofing
· Small-scale design
· Low cost circuit
GENERAL DESCRIPTION
AM467 is a high-precision integrated amplifier
which has been developed as signal condition
circuit for small differential input voltages within
a range of a few millivolts (±5 to ±100 mV FS).
The chief component of the IC is a highly
accurate, low-noise amplifier circuit which can
be adjusted to the sensing elements using an
external network of resistors. Offset and span of
the output signal are adjustable in the range of
0.2 to Vcc-0.2Volt.
The rail-to-rail output makes the IC suitable for
the amplification of DMS and piezoceramic
sensing elements and GMR measuring cells with
respect to the specific calibration network.




Similar Part No. - AM467

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM467 AME-AM467 Datasheet
219Kb / 9P
Precision amplifier for bridge circuits
logo
Analog Devices
AM467 AD-AM467 Datasheet
70Kb / 9P
Precision amplifier for bridge circuits
logo
Analog Microelectronics...
AM467 ANALOGMICRO-AM467 Datasheet
63Kb / 9P
Precision amplifier for bridge circuits
February 2011
More results


Similar Description - AM467

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Jul-1997
logo
Analog Microelectronics
AM457 AME-AM457 Datasheet
271Kb / 10P
Precision amplifier for bridge circuits
logo
Unisonic Technologies
A7240 UTC-A7240 Datasheet
106Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Analog Microelectronics
AM467 AME-AM467 Datasheet
219Kb / 9P
Precision amplifier for bridge circuits
logo
Unisonic Technologies
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Analog Devices
AM467 AD-AM467 Datasheet
70Kb / 9P
Precision amplifier for bridge circuits
logo
Unisonic Technologies
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
PA2005 UTC-PA2005_15 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com