Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5105 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # AMS5105
Description  Pressure sensor with one analog and two switching outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AMS5105 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  AMS5105 Datasheet HTML 1Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 2Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 3Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 4Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 5Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 6Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 7Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AMS 5105
Pressure sensor with one analog and two switching outputs
May 2012 - Rev. 2.0
Page 3/8
www.analogmicro.de
MAXIMUM RATINGS
Parameter
Minimum
Typical
Maximum
Units
Maximum supply voltage: VS (max)
Operating temperature: Top
Storage temperature: Tamb
Common mode pressure pCM
1)
-25
-40
6.0
85
125
12
V
°C
°C
bar
Table 2: Maximum ratings
Notes:
1)
The common mode pressure is defined as the maximum pressure that can be applied on both pressure ports of a
differential pressure sensor simultaneously without damaging the sensors housing.
SPECIFICATIONS
All parameters apply to VS = 5.0V and Top = 25°C, unless otherwise stated.
Parameter
Minimum
Typical
Maximum
Units
Analog output signal
1)
@ specified minimum pressure (see Pressure range
2)
@ specified maximum pressure (see Pressure range
2)
Full span output (FSO)
3)
without pressure (bidirectional differential)
0.5
4.5
4
2.5
V
V
V
V
Logic switching outputs
4)
Output-Low-Level
5)
Output-High-Level
5)
Max. output current (switching outputs)
Adjustable threshold (pth)
Adjustable hysteresis (phys)
Adjustable switching delay
0
90
4
0
0
1
10
100
100
pth
500
%VS
%VS
mA
%p
6)
%p
6)
ms
Accuracy
7) (analog output) @ T= 25°C
Ultra low pressure sensors (5, 10mbar)
Low pressure sensors (20, 50, 100 mbar)
Standard pressure sensors
±1.5
±1.0
±0.5
%FSO
%FSO
%FSO
Overall error
8) (analog output) @ T= -25...85°C
Ultra low pressure sensors (5, 10mbar)
Low pressure sensors (20, 50, 100 mbar)
Standard pressure sensors
±2.0
±1.5
±1.0
%FSO
%FSO
%FSO
Accuracy (switching outputs) @ T = 25°C
Ultra low pressure sensors (5, 10 mbar)
Low pressure sensors (20, 50, 100 mbar)
Standard pressure sensors
±1.5
±1.0
±0.5
%FSO
%FSO
%FSO
Overall error (switching outputs) @T = -25...85°C
Ultra low pressure sensors (5, 10 mbar)
Low pressure sensors (20, 50, 100 mbar)
Standard pressure sensors
±2.0
±1.5
±1.0
%FSO
%FSO
%FSO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com