Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5105 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # AMS5105
Description  Pressure sensor with one analog and two switching outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AMS5105 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  AMS5105 Datasheet HTML 1Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 2Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 3Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 4Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 5Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 6Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 7Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AMS 5105
Pressure sensor with one analog and two switching outputs
May 2012 - Rev. 2.0
Page 6/8
www.analogmicro.de
INITIAL OPERATION
The sensors are connected up electrically by mounting them on a PCB. The principle electric circuitry of
AMS 5105 with one analog and two switching outputs in use is shown in Figure 2.
For single use of the analog output it is sufficient to connect up PIN 2 (VCC), PIN 3 (GND) and PIN 4 (OUT).
In applications with a low switching current (< 4mA) it is possible to connect the logic switching outputs PIN 8
(SWITCH1) and PIN 7 (SWITCH2) directly to the load (referenced to VCC or GND). For greater switching
currents (i.e. when driving a relay) or if higher voltages are to be switched (> Vcc), an external power
transistor is necessary, such as an intelligent power FET (e.g. a PROFET ISP452 as shown in the example
at PIN 7 in Figure 2) or a power Darlington transistor (i.e. a TIP121).
PIN 5 and PIN 6 are for programming AMS 5105 only (configuration of the switching outputs and adjustment
of the thresholds and hysteresis) using the starter kit (see section "Additional Equipment").
The pressure connection is made using the two metal pressure ports (hose connectors) on top of the AMS
5105. Depending on the type of AMS 5105 and the measuring pressure, either one or two of the pressure
ports are connected up to the measuring media/volume.
For the pressures at port 1 and port 2 (for definition see Figure 3) the following requirements have to be
fulfilled (according to the definition p1 = pressure at port 1 and p2 = pressure at port 2):
Differential/relative pressure sensors:
p1 > p2
Bidirectional differential sensors:
p1 > p2 or p1 < p2 possible.
Absolute pressure sensors, barometric sensors:
p1 = measuring pressure.
Notes:
1.
The guidelines governing media compatibility must be taken into account here (see "Specification notes").
2.
For pressure connections up to 2 bar Analog Microelectronics recommends a silicone tubing (inner diameter
Ø=2mm, outer diameter Ø=6mm).
3.
ESD precautions are necessary, it is essential to ground machines and personnel properly during assembly and
handling of the device
Configuring switching outputs
By factory programming the two switching outputs are set to standard configuration (see specification note
6). Using the relevant starter kit (see section Additional Equipment) the customer can select the basic
switching function (off, normally open, normally closed, window mode) and adjust the specific threshold,
hysteresis and a delay for each switching output. For a detailed description of the switching functions and the
possible adjustments see the document “User Guide USB Starter Kit AMS 5105”.
AMS 5105
8
7
3
2
4
5V
OUT
GND
VCC
SWITCH1
SWITCH2
Voltage
Supply
5
6
BSP
452
24V
Load
RL
Figure 2: Principle electric circuitry (example)
ISP
452



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com