Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5105 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # AMS5105
Description  Pressure sensor with one analog and two switching outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AMS5105 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  AMS5105 Datasheet HTML 1Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 2Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 3Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 4Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 5Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 6Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 7Page - WOLFSPEED, INC. AMS5105 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AMS 5105
Pressure sensor with one analog and two switching outputs
May 2012 - Rev. 2.0
Page 5/8
www.analogmicro.de
FUNCTIONAL DESCRIPTION
The pressure sensors/pressure switches in the AMS 5105 series combine a high-quality piezoresistive
silicon sensing element with a modern, mixed-signal CMOS ASIC for signal conditioning with full digital
correction on a ceramic substrate. This enables high-precision measurements and excellent drift and long-
term stability.
The functional principle of the AMS 5105 is explained in Figure 1.
The physical pressure is measured at AMS 5105's piezoresistive pressure sensing element where the
pressure is converted into a differential voltage signal which is almost proportional to the pressure. This
differential voltage signal is corrected and conditioned by the ASIC in multiple steps.
Firstly, the differential voltage signal from the sensing element is pre-amplified by the amplifier and
transmitted by a multiplexer to the A/D converter (ADC). The ADC converts the signal into digital values with
a resolution of 14 bits. The digitized signal is corrected and calibrated in the follow-on ASIC microcontroller.
Factory precision calibration of AMS 5105 sets the sensor-specific correction coefficients and stores these in
the EEPROM for each sensor. This permits sensor-specific calibration and correction (i.e. temperature
compensation and linearization) of the digitized pressure signal. The temperature signal necessary for
temperature compensation is also measured at the piezoresistive measuring cell and is transmitted by the
multiplexer to the ADC, where it is digitized. The ASIC microcontroller runs a cyclic program which
continuously calculates the current standardized and corrected digital pressure values.
To generate the analog output signal the corrected digital pressure value is converted into an analog voltage
by an 11-bit D/A converter (DAC). The standardized analog output voltage (0.5…4.5 V) at the sensor's PIN 4
(VOUT) is ratiometric to the supply voltage.
The logic output signals at the sensor's switching outputs PIN 8 (SWITCH 1) and PIN 7 (SWITCH 2) are
generated by the ASIC's programmable comparator. This compares the corrected digital pressure value with
the specific threshold and hysteresis values programmed and stored in the EEPROM. Depending on the
selected configuration mode for the particular switching output the logic output signal is set to high or low.
The configuration setting (normally open, normally closed or window mode) and the settings of the particular
thresholds, hysteresis and delay for the two switching outputs are stored in the EEPROM. These settings are
changed by programming with the AMS 5105 starter kit via the sensor's programming interface at PIN 5
(SDA) and PIN 6 (SCL).
ADC
uC
DAC
EEPROM
Buffer
pressure
sensing
element
TSig
Amp
MUX
3
7
8
2
4
AMS 5105
Switch2
Switch1
VCC
GND
COMP
6
5
SDA SCL
SIF
Programming
Figure 1: Functional principle of AMS 5105



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com