Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS6915 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # AMS6915
Description  Board Mount Pressure Sensor with Digital I2C Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AMS6915 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  AMS6915 Datasheet HTML 1Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 2Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 3Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 4Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 5Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 6Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 7Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 8Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Board Mount Pressure Sensor
AMS 6915 SERIES
© 2022, Analog Microelectronics GmbH
www.analog-micro.com
Datasheet AMS 6915
– Rev. 2.0
5/13
FUNCTIONAL DESCRIPTION
The pressure sensors in the AMS 6915 series combine a membrane based piezoresistive silicon sensing el-
ement with a modern mixed-signal CMOS ASIC for signal-conditioning on a ceramic substrate. This enables
high precision measurements and excellent drift and long-term stability.
The functional principle of the AMS 6915 sensors is explained using Figure 1.
The physical pressure is measured at AMS 6915
’s piezoresistive pressure sensing element, where the
pressure is converted into a differential voltage signal, which is almost proportional to the pressure. This
differential voltage signal is corrected and conditioned by the ASIC in multiple steps.
First, the differential voltage signal from the sensing element is pre-
amplified by the ASIC’s amplifier stage
and transmitted to the A/D converter stage (ADC) by the multiplexer stage. The ADC stage converts this
voltage signal into digital values with a resolution of 14 bits. The digitized signal is corrected and calibrated in
the subsequent ASIC microcontroller block.
During AMS 6915’s factory calibration, sensor-specific correction coefficients are determined and stored in
the respective
sensor’s EEPROM. This permits sensor-specific calibration and correction (i.e. temperature
compensation and linearization) of the digitized pressure signal. The temperature signal required for
temperature compensation is generated at the ASIC’s temperature reference block and is transmitted by the
multiplexer stage to the ADC stage, where it is digitized. The ASIC’s microcontroller block runs a cyclic
program, which continuously calculates the current standardized and corrected digital pressure value using
the current digitized pressure and temperature values as well as the stored correction coefficients. In
addition, a standardized current digital temperature value is calculated. These calculated and corrected
digital values (14 bit pressure value and 11 bit temperature value) are written to the ASIC
’s output registers
and continuously updated (typically every 0.5 ms).
The readout of the standardized digital output values for pressure and temperature from the output registers
is done via the sensor’s I²C interface at PIN3 (SDA) and PIN4 (SCL). The AMS 6915’s digital output values
(for pressure and temperature) are not ratiometric to the supply voltage.
Figure 1: Functional principle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com