Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS6915 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # AMS6915
Description  Board Mount Pressure Sensor with Digital I2C Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AMS6915 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  AMS6915 Datasheet HTML 1Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 2Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 3Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 4Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 5Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 6Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 7Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 8Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET AMS 6915 SERIES
Board Mount Pressure Sensor with Digital I2C Output
Analog Microelectronics GmbH
www.analog-micro.com
Datasheet AMS 6915
– Rev. 2.0
1/13
© 2022, Analog Microelectronics GmbH, An der Fahrt 13, 55124 Mainz, Germany; Tel.: +49 (0)6131/91073-0; Fax: +49 (0)6131/91073-30; E-Mail: info@analogmicro.de
FEATURES
 Board mount pressure sensor series with
digital I2C output
 Calibrated and temperature compensated
 Differential/relative, bidirectional differential,
absolute and barometric sensor versions
 Wide variety of pressure ranges:
from 2.5 mbar (250 Pa) up to 2.5 bar full scale
 Piezoresistive sensor with high precision
digital signal conditioning
 Total accuracy < 0.5 %FSO at room
temperature for standard pressure ranges
 TEB < 1.0 %FSO (0 … 60 °C) for standard
pressure ranges
 High long term stability
 Fast response time (typ. < 1 ms)
 Supply voltage: 3.3 V and 5 V models
available
 Digital output via I²C interface: 14 bit for
pressure and 11 bit for temperature values
 Programmable I²C-address
 Compact DIP-8 package (width: 0.6 inch)
 Substitute product for Honeywell’s HSC
series
 RoHS compliant
TYPICAL APPLICATIONS
 Static and dynamic pressure measurement
 Industrial process control
 Barometric pressure measurement
 Vacuum monitoring
 Gas flow measurement
 Medical instrumentation
 Heating, Ventilation and Air Conditioning
(HVAC)
GENERAL DESCRIPTION
The sensors in the AMS 6915 series are high
precision OEM pressure sensors with a digital I²C-
interface. They are calibrated and temperature
compensated within an operating temperature
range of -25
… 85 °C. The I
2C output and the
selectable supply voltage of 3.3 V or 5 V make the
AMS
6915
series
ideal
for
microcontroller
applications.
AMS 6915 combine a micromachined, high quality
piezoresistive sensing element with a modern
mixed-signal conditioning ASIC on a ceramic
substrate. With the compact DIL package for
assembly on printed circuit boards the series is
especially suitable for low and medium differential
pressure measurements in applications, which
require consequent miniaturization.
AMS 6915 board mount pressure sensors are
available in various pressure ranges for all types of
pressure: differential pressure sensors in ranges
from 0 ... 5 mbar up to 0 ... 2.5 bar, relative (gage)
sensors from 0 ... 200 mbar up to 0 ... 2 bar, abso-
lute pressure sensors from 0 ... 500 mbar up to
0 ... 2 bar and a 700 ... 1200 mbar variant for bar-
ometric measurements. Bidirectional differential
sensor types are available in pressure ranges from
-2.5 ... +2.5 mbar up to -1 ... +1 bar.
Custom specific pressure ranges or further 1odify-
cations are available on request.


Similar Part No. - AMS6915

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS6915 ANALOGMICRO-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 2.0
AMS6915 ANALOGMICRO-AMS6915 Datasheet
1Mb / 14P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 3.0
AMS6915 ANALOGMICRO-AMS6915 Datasheet
1Mb / 14P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 3.1
AMS6915-0002-D-B-H-X-DIL ANALOGMICRO-AMS6915-0002-D-B-H-X-DIL Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 2.0
AMS6915-0002-D-B-H-X-DIL ANALOGMICRO-AMS6915-0002-D-B-H-X-DIL Datasheet
1Mb / 14P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 3.0
More results

Similar Description - AMS6915

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS5812 ANALOGMICRO-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
Rev. 3.0
AMS5915 ANALOGMICRO-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS5935 ANALOGMICRO-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
AMS6915 ANALOGMICRO-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 2.0
logo
WOLFSPEED, INC.
AMS5812 WOLFSPEED-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
AMS 5812 Rev. 3.0
AMS5915 WOLFSPEED-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
AMS 5915 Rev. 4.0
AMS5935 WOLFSPEED-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
AMS 5935 Rev. 1.0
AMS6916 WOLFSPEED-AMS6916 Datasheet
902Kb / 9P
Board mount pressure sensor with ratiometric analog output
April 2019 Rev. 1.0
logo
Analog Microelectronics...
AMS5915 ANALOGMICRO-AMS5915_V01 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.1
AMS5935 ANALOGMICRO-AMS5935_V01 Datasheet
1Mb / 17P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com