Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS6915 Datasheet(PDF) 12 Page - WOLFSPEED, INC.

Part # AMS6915
Description  Board Mount Pressure Sensor with Digital I2C Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AMS6915 Datasheet(HTML) 12 Page - WOLFSPEED, INC.

Back Button AMS6915 Datasheet HTML 5Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 6Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 7Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 8Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 9Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 10Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 11Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 12Page - WOLFSPEED, INC. AMS6915 Datasheet HTML 13Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Board Mount Pressure Sensor
AMS 6915 SERIES
© 2022, Analog Microelectronics GmbH
www.analog-micro.com
Datasheet AMS 6915
– Rev. 2.0
12/13
INFORMATION FOR ORDERING
Horizontal pressure port configuration (DIL package)
With x = 3 for 3.3 V supply voltage models and x = 5 for 5 V supply voltage models.
Ordering Code
mbar
kPa
PSI
Differential pressure types (-D)
AMS 6915-0005-D-H-x-DIL
0
… 5
0
… 0.5
0
… 0.0725
AMS 6915-0010-D-H-x-DIL
0
… 10
0
… 1
0
… 0.145
AMS 6915-0025-D-H-x-DIL
0
… 25
0
… 2.5
0
… 0.363
AMS 6915-0050-D-H-x-DIL
0
… 50
0
… 5
0
… 0.725
AMS 6915-0100-D-H-x-DIL
0
… 100
0
… 10
0
… 1.450
AMS 6915-0200-D-H-x-DIL
0
… 200
0
… 20
0
… 2.901
AMS 6915-0350-D-H-x-DIL
0
… 350
0
… 35
0
… 5.076
AMS 6915-1000-D-H-x-DIL
0
… 1000
0
… 100
0
… 14.50
AMS 6915-2000-D-H-x-DIL
0 … 2000
0 … 200
0 … 29.01
AMS 6915-2500-D-H-x-DIL
0 … 2500
0 … 250
0 … 36.25
Bidirectional differential pressure types (-D-B)
AMS 6915-0002-D-B-H-x-DIL
-2.5 ... +2.5
-0.25 ... +0.25
-0.0363 ... +0.0363
AMS 6915-0005-D-B-H-x-DIL
-5 ... +5
-0.5
… +0.5
-0.0725 ... +0.0725
AMS 6915-0010-D-B-H-x-DIL
-10 ... +10
-1
… +1
-0.145 ... +0.145
AMS 6915-0025-D-B-H-x-DIL
-25 ... +25
-2.5
… +2.5
-0.363
… +0.363
AMS 6915-0050-D-B-H-x-DIL
-50
… +50
-5
… +5
-0.725
… +0.725
AMS 6915-0100-D-B-H-x-DIL
-100
… +100
-10
… +10
-1.450
… +1.450
AMS 6915-0200-D-B-H-x-DIL
-200
… +200
-20
… +20
-2.901
… +2.901
AMS 6915-0350-D-B-H-x-DIL
-350
… +350
-35
… +35
-5.076
… +5.076
AMS 6915-1000-D-B-H-x-DIL
-1000
… +1000
-100
… +100
-14.50
… +14.50
Absolute pressure types (-A)
AMS 6915-0500-A-H-x-DIL
0
… 500
0 ... 50
0
… 7.250
AMS 6915-1000-A-H-x-DIL
0
… 1000
0 ... 100
0
… 14.50
AMS 6915-2000-A-H-x-DIL
0 … 2000
0 … 200
0 … 29.01
Barometric (absolute) pressure types (-B)
AMS 6915-1200-B-H-x-DIL
700 ... 1200
70 ... 120
10.88 ... 17.40
Vertical pressure port configuration (DIL package)
With x = 3 for 3.3 V supply voltage models and x = 5 for 5 V supply voltage models.
Ordering Code
mbar
kPa
PSI
Relative (Gage) pressure types (-G)
AMS 6915-0200-G-V-x-DIL
0 ... 200
0 ... 20
0 ... 2.901
AMS 6915-0350-G-V-x-DIL
0 ... 350
0
… 35
0
… 5.076
AMS 6915-1000-G-V-x-DIL
0
… 1000
0
… 100
0
… 14.50
AMS 6915-2000-G-V-x-DIL
0 … 2000
0 … 200
0 … 29.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com