Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9514/PCB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9514/PCB
Description  1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9514/PCB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9514/PCB Datasheet HTML 4Page - Analog Devices AD9514/PCB Datasheet HTML 5Page - Analog Devices AD9514/PCB Datasheet HTML 6Page - Analog Devices AD9514/PCB Datasheet HTML 7Page - Analog Devices AD9514/PCB Datasheet HTML 8Page - Analog Devices AD9514/PCB Datasheet HTML 9Page - Analog Devices AD9514/PCB Datasheet HTML 10Page - Analog Devices AD9514/PCB Datasheet HTML 11Page - Analog Devices AD9514/PCB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD9514
Rev. 0 | Page 8 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK = 78.6432 MHz, OUT = 78.6432 MHz
Divide = 1
@ 10 Hz Offset
−122
dBc/Hz
@ 100 Hz Offset
−132
dBc/Hz
@ 1 kHz Offset
−140
dBc/Hz
@ 10 kHz Offset
−150
dBc/Hz
@ 100 kHz Offset
−155
dBc/Hz
@ 1 MHz Offset
−158
dBc/Hz
>10 MHz Offset
−160
dBc/Hz
CLK = 78.6432 MHz, OUT = 39.3216 MHz
Divide = 2
@ 10 Hz Offset
−128
dBc/Hz
@ 100 Hz Offset
−136
dBc/Hz
@ 1 kHz Offset
−146
dBc/Hz
@ 10 kHz Offset
−155
dBc/Hz
@ 100 kHz Offset
−161
dBc/Hz
>1 MHz Offset
−162
dBc/Hz
CLOCK OUTPUT ADDITIVE TIME JITTER
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ADDITIVE TIME JITTER
CLK = 622.08 MHz
40
fs rms
BW = 12 kHz − 20 MHz
LVPECL (OUT0 and OUT1) = 622.08 MHz
OUT2 off
Divide = 1
CLK = 622.08 MHz
55
fs rms
BW = 12 kHz − 20 MHz
LVPECL (OUT0 and OUT1) = 155.52 MHz
OUT2 off
Divide = 4
CLK = 400 MHz
215
fs rms
Calculated from SNR of ADC method;
LVPECL (OUT0 and OUT1) = 100 MHz
OUT2 off
Divide = 4
CLK = 400 MHz
215
fs rms
Calculated from SNR of ADC method;
LVPECL (OUT0, OUT1) = 100 MHz
Other LVPECL and OUT2 LVDS at same frequency
Divide = 4
CLK = 400 MHz
225
fs rms
Calculated from SNR of ADC method;
LVPECL (OUT0 or OUT1) = 100 MHz
Divide = 4
Other LVPECL = 50 MHz
Interferer
LVDS (OUT2) = 50 MHz
Interferer
CLK = 400 MHz
230
fs rms
Calculated from SNR of ADC method;
LVPECL (OUT0 or OUT1) = 100 MHz
Divide = 4
Other LVPECL = 50 MHz
Interferer
CMOS (OUT2) = 50 MHz
Interferer
LVDS OUTPUT ADDITIVE TIME JITTER
Delay off
CLK = 400 MHz
300
fs rms
Calculated from SNR of ADC method;
LVDS (OUT2) = 100 MHz
OUT0 at same frequency; OUT1 off
Divide = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com