Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9514/PCB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9514/PCB
Description  1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9514/PCB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9514/PCB Datasheet HTML 16Page - Analog Devices AD9514/PCB Datasheet HTML 17Page - Analog Devices AD9514/PCB Datasheet HTML 18Page - Analog Devices AD9514/PCB Datasheet HTML 19Page - Analog Devices AD9514/PCB Datasheet HTML 20Page - Analog Devices AD9514/PCB Datasheet HTML 21Page - Analog Devices AD9514/PCB Datasheet HTML 22Page - Analog Devices AD9514/PCB Datasheet HTML 23Page - Analog Devices AD9514/PCB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD9514
Rev. 0 | Page 20 of 28
Table 10. S0—OUT2 Delay
S0
Delay Full Scale
0
Off (Bypassed)
1/3
1.5 ns
2/3
5 ns
1
10 ns
Table 11. S1, S2—Output Select
S1
S2
OUT0
LVPECL
OUT1
LVPECL
OUT2
LVDS/CMOS
0
0
OFF
410 mV
OFF
1/3
0
790 mV
790 mV
OFF
2/3
0
410 mV
410 mV
OFF
1
0
960 mV
960 mV
OFF
0
1/3
790 mV
790 mV
CMOS
1/3
1/3
410 mV
410 mV
LVDS
2/3
1/3
410 mV
410 mV
CMOS
1
1/3
790 mV
790 mV
LVDS
0
2/3
OFF
OFF
OFF
1/3
2/3
OFF
OFF
LVDS
2/3
2/3
OFF
OFF
CMOS
1
2/3
OFF
790 mV
OFF
0
1
410 mV
OFF
CMOS
1/3
1
790 mV
OFF
LVDS
2/3
1
410 mV
OFF
LVDS
1
1
790 mV
OFF
CMOS
Table 12. S3, S4—OUT2 Delay Fine Adjust or Phase
S0 ≠ 0
S0 = 0
S3
S4
OUT2 Delay Fine Adjust
(Fraction of FS)
OUT2 Phase
0
0
0
0
1/3
0
1/16
1
2/3
0
1/8
2
1
0
3/16
3
0
1/3
1/4
4
1/3
1/3
5/16
5
2/3
1/3
3/8
6
1
1/3
7/16
7
0
2/3
1/2
8
1/3
2/3
9/16
9
2/3
2/3
5/8
10
1
2/3
11/16
11
0
1
3/4
12
1/3
1
13/16
13
2/3
1
7/8
14
1
1
15/16
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com