Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9514/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9514/PCB
Description  1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9514/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9514/PCB Datasheet HTML 11Page - Analog Devices AD9514/PCB Datasheet HTML 12Page - Analog Devices AD9514/PCB Datasheet HTML 13Page - Analog Devices AD9514/PCB Datasheet HTML 14Page - Analog Devices AD9514/PCB Datasheet HTML 15Page - Analog Devices AD9514/PCB Datasheet HTML 16Page - Analog Devices AD9514/PCB Datasheet HTML 17Page - Analog Devices AD9514/PCB Datasheet HTML 18Page - Analog Devices AD9514/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD9514
Rev. 0 | Page 15 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT FREQUENCY (MHz)
1600
1200
800
400
0.1
0.4
0.3
2 LVPECL (DIV ON)
2 LVPECL (DIV = 1)
1 LVDS (DIV ON)
0.2
Figure 8. Power vs. Frequency—LVPECL, LVDS
START 300kHz
STOP 5GHz
Figure 9. CLK Smith Chart (Evaluation Board)
OUTPUT FREQUENCY (MHz)
120
100
80
40
20
060
0.3
0.6
0.5
0.4
2 LVPECL (DIV ON) + 1 CMOS (DIV ON)
2 LVPECL (DIV OFF) + 1 CMOS (DIV OFF)
Figure 10. Power vs. Frequency—LVPECL, CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com