Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4310-1ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4310-1ACPZ-R2
Description  Low Cost, Dual, High Current Output Line Driver with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4310-1ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADA4310-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADA4310-1
Rev. 0 | Page 4 of 16
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER DOWN PINS
PD1, PD0 Threshold
Referenced to GND
1.5
V
PD1, PD0 = 0 Pin Bias Current
PD1 or PD0 = 0 V
−0.2
μA
PD1, PD0 = 1 Pin Bias Current
PD1 or PD0 = 3 V
70
μA
Enable/Disable Time
0.04/2
μs
Power Supply Rejection Ratio
Positive/Negative
−70/−60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com