Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4310-1ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4310-1ACPZ-R2
Description  Low Cost, Dual, High Current Output Line Driver with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4310-1ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4310-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADA4310-1
Rev. 0 | Page 10 of 16
THEORY OF OPERATION
The ADA4310-1 is a current feedback amplifier with high
output current capability. With a current feedback amplifier, the
current into the inverting input is the feedback signal, and the
open-loop behavior is that of a transimpedance, dVO/dIIN or TZ.
The open-loop transimpedance is analogous to the open-loop
voltage gain of a voltage feedback amplifier. Figure 20 shows a
simplified model of a current feedback amplifier. Because RIN is
proportional to 1/gm, the equivalent voltage gain is just TZ × gm,
where gm is the transconductance of the input stage. Basic
analysis of the follower with gain circuit yields
()
()
F
IN
Z
Z
IN
O
R
R
G
s
T
s
T
G
V
V
+
×
+
×
=
where:
G
F
R
R
G
+
= 1
Ω
50
1 ≈
=
m
IN
g
R
Because G × RIN << RF for low gains, a current feedback
amplifier has relatively constant bandwidth vs. gain, the 3 dB
point being set when |TZ| = RF.
Of course, for a real amplifier there are additional poles that
contribute excess phase, and there is a value for RF below which
the amplifier is unstable. Tolerance for peaking and desired
flatness determines the optimum RF in each application.
RF
VOUT
RG
RN
VIN
RIN
IIN
TZ
Figure 20. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com