Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4310-1ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4310-1ACPZ-R2
Description  Low Cost, Dual, High Current Output Line Driver with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4310-1ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4310-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADA4310-1
Rev. 0 | Page 8 of 16
–70
–50
–40
–30
–20
0
–60
–10
FREQUENCY (MHz)
0.01
0.1
1
10
100
1000
PD1, PD0 = (0, 0)
RL = 100Ω
Figure 13. Common-Mode Rejection(CMR) vs. Frequency
–80
–70
–60
–50
–40
–30
–20
–10
0
–PSR
+PSR
FREQUENCY (MHz)
0.01
0.1
1
10
100
1000
G = +5
PD1, PD0 = (0, 0)
RL = 100Ω
Figure 14. Power Supply Rejection(PSR) vs. Frequency
FREQUENCY (MHz)
0.01
0.1
1
10
100
0.1
1
10
100
1000
PD1, PD0 = (0, 0)
Figure 15. Closed-Loop Output Impedance vs. Frequency
FREQUENCY (MHz)
–120
–100
–80
–60
–40
1
10
100
1000
PD1, PD0 = (1,1)
Figure 16. Off-Isolation vs. Frequency
0.001
1000
FREQUENCY (MHz)
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
PD1, PD0 = (1,1)
Figure 17. Output Impedance vs. Frequency (Disabled)
–0.5
0
0.5
1.0
1.5
2.0
2.5
VOUT
VPD0, VPD1
10ns/DIV
Figure 18. Power-Down Turn On/Turn Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com