Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4850-1YCPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4850-1YCPZ-R2
Description  High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4850-1YCPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4850-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADA4850-1/ADA4850-2
Rev. A | Page 8 of 16
–40
–110
0.1
100
FREQUENCY (MHz)
–50
–60
–70
–80
–90
–100
110
RL = 150Ω HD2
RL = 1kΩ HD3
RL = 1kΩ HD2
RL = 150Ω HD3
G = +1
VS = 5V
VOUT = 500mV p-p
Figure 17. Harmonic Distortion vs. Frequency for Various Loads
–50
–120
0.1
100
FREQUENCY (MHz)
–60
–70
–80
–90
–100
–110
110
G = +2
VS = 5V
RL = 1kΩ
VOUT = 200mV p-p
HD2
VOUT = 500mV p-p
HD2
VOUT = 200mV p-p
HD3
VOUT = 500mV p-p
HD3
Figure 18. Harmonic Distortion vs. Frequency for Various VOUT
0.35
0.40
0.45
0.50
0.55
0.60
0.65
TIME (ns)
50
0
100
150
200
G = +2
RL = 1kΩ
VS = 5V
Figure 19. Small Signal Transient Response for Various Supplies
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
2.425
2.450
2.475
2.525
2.550
2.575
2.500
G = +1
VS = 5V
RL = 150Ω
10pF
0pF
Figure 20. Small Signal Transient Response for Capacitive Load
1.75
2.00
2.25
2.50
2.75
3.00
3.25
TIME (ns)
50
0
100
150
200
G = +2
RL = 1kΩ
VS = 5V
Figure 21. Large Signal Transient Response
2.125
2.250
2.375
2.500
2.625
2.750
2.875
TIME (ns)
50
0
100
150
200
G = +1
RL = 1kΩ
VS = 5V
VS = 3V
0.125
0.250
0.375
0.625
0.750
0.875
0.500
Figure 22. Large Signal Transient Response for Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com