Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4850-1YCPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4850-1YCPZ-R2
Description  High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4850-1YCPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADA4850-1YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADA4850-1/ADA4850-2
Rev. A | Page 2 of 16
TABLE OF CONTENTS
Specifications with +3 V Supply ..................................................... 3
Specifications with +5 V Supply ..................................................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Typical Performance Characteristics ............................................. 6
Circuit Description......................................................................... 12
Headroom and Overdrive Recovery Considerations ............ 12
Operating the ADA4850-1/ADA4850-2 on
Bipolar Supplies .......................................................................... 13
Power-Down Pins....................................................................... 13
Outline Dimensions ....................................................................... 14
Ordering Guide .......................................................................... 14
REVISION HISTORY
4/05—Rev. 0 to Rev. A
AddedADA4850-1..............................................................Universal
Added 8-Lead LFCSP.........................................................Universal
Changes to Features.......................................................................... 1
Changes to General Description .................................................... 1
Changes to Figure 3.......................................................................... 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Changes to Power-Down Pins Section and Table 5 ................... 13
Updated Outline Dimensions ....................................................... 14
Changes to Ordering Guide .......................................................... 14
2/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com