Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4850-1YCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4850-1YCPZ-R2
Description  High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4850-1YCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4850-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4850-1YCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADA4850-1/ADA4850-2
Rev. A | Page 10 of 16
400
200
–1.0
3.5
VCM (V)
380
360
340
320
300
280
260
240
220
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
VS = 5V
Figure 29. Input Offset Voltage vs. Common-Mode Voltage
0.6
0
050
LOAD CURRENT (mA)
0.5
0.4
0.3
0.2
0.1
5
1015202530
354045
VS = 3V
–VSAT
+VSAT
VS = 5V
Figure 30. Output Saturation Voltage vs. Load Current
(Voltage Differential from Rails)
–30
–46
–44
–42
–40
–38
–36
–34
–32
–40
125
TEMPERATURE (
°C)
–25
–10
5
203550
658095
110
VS = 3V
VS = 5V
Figure 31. Power-Down Bias Current vs. Temperature for Various Supplies
–1.2
–2.4
–2.2
–2.0
–1.8
–1.6
–1.4
–40
125
TEMPERATURE (
°C)
–25
–10
5
203550
658095
110
VS = 3V
+IB
–IB
VS = 5V
Figure 32. Input Bias Current vs. Temperature for Various Supplies
95
65
–40
125
TEMPERATURE (
°C)
90
85
80
75
70
–25
–10
5
20
35
50
65
80
95
110
+VS – VOUT
–VS – VOUT
VS = 5V
RL = 1kΩ
Figure 33. Output Saturation Voltage vs. Temperature
(Voltage Differential from Rails)
4.9
4.2
4.3
4.4
4.5
4.6
4.7
4.8
–40
125
TEMPERATURE (
°C)
–25
–10
5
203550
658095
110
VS = 5V
VS = 3V
Figure 34. Current vs. Temperature for Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com