Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701 Datasheet(PDF) 59 Page - ams AG

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMF8701 Datasheet(HTML) 59 Page - ams AG

Back Button TMF8701 Datasheet HTML 55Page - ams AG TMF8701 Datasheet HTML 56Page - ams AG TMF8701 Datasheet HTML 57Page - ams AG TMF8701 Datasheet HTML 58Page - ams AG TMF8701 Datasheet HTML 59Page - ams AG TMF8701 Datasheet HTML 60Page - ams AG TMF8701 Datasheet HTML 61Page - ams AG TMF8701 Datasheet HTML 62Page - ams AG TMF8701 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
Page 58
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Laser Eye Safet y
The TMF8701 is designed to meet the Class 1 laser safety limits
including single faults in compliance with IEC/EN 60825-1:2014
and IEC/EN 60825-1:2007. This applies to the stand-alone
device and the included software supplied by ams OSRAM. In
an end application system environment, the system may need
to be tested to ensure it remains compliant. The system must
not include any additional lens to concentrate the laser light or
parameters set outside of the recommended operating
conditions. Use outside of the recommended condition or any
physical modification to the module during development could
result in hazardous levels of radiation exposure.
Additionally the device has been measured according to
IEC/EN 60825-1:2007 and it is classified as class 1 according to
this standard as well:
Laser Eye Safety



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com