Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701 Datasheet(PDF) 27 Page - ams AG

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMF8701 Datasheet(HTML) 27 Page - ams AG

Back Button TMF8701 Datasheet HTML 23Page - ams AG TMF8701 Datasheet HTML 24Page - ams AG TMF8701 Datasheet HTML 25Page - ams AG TMF8701 Datasheet HTML 26Page - ams AG TMF8701 Datasheet HTML 27Page - ams AG TMF8701 Datasheet HTML 28Page - ams AG TMF8701 Datasheet HTML 29Page - ams AG TMF8701 Datasheet HTML 30Page - ams AG TMF8701 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
Page 26
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Register Description
0x0A
Perform factory calibration in the final customer
application including cover glass, no ambient light and no
target.
The result from the factory calibration is stored from
register 0x20 onwards (14 bytes).
0x0B
Set flag to download calibration (and algorithm state)
configuration to TMF8701.
cmd_data0 = bit mask which calibration/state data was
downloaded from the host to TMF8701 prior to setting
this command:
Bit 0 - dataFactoryCal: When 1 data from register 0x20
onward includes factory calibration
Bit 1 - dataAlgState: If set, also set dataFactoryCal=1. Data
from register 0x20 onwards includes factory calibration
and algorithm state.
0x0F
Set gpio control setting without actually performing a
measurement as commands 0x02 or 0x03 would do:
cmd_data0 = bits for GPIO control
Bits 3:0 - GPIO0 settings
0 – Disabled
1 - Input: Active low disables collection,
immediately abandoning current measurement.
Returning to high restarts new measurement
2 - Input: Active high disables collection,
immediately abandoning current measurement.
Returning to low restarts new measurement
3 - Output: VCSEL pulse output
4 - Output low
5 - Output high
6:15 – Reserved, do not use
Bits 7:4 - GPIO1 settings
0 - Disabled
1 - Input: Active low disables collection,
immediately abandoning current
measurement. Returning to high restarts new
measurement
2 - Input: Active high disables collection,
immediately abandoning current measurement.
Returning to low restarts new measurement
3 - Output: VCSEL pulse output
4 - Output low
5 - Output high
6:15 – Reserved, do not use
0x10: COMMAND
Field
Name
Reset
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com