Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701 Datasheet(PDF) 17 Page - ams AG

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMF8701 Datasheet(HTML) 17 Page - ams AG

Back Button TMF8701 Datasheet HTML 13Page - ams AG TMF8701 Datasheet HTML 14Page - ams AG TMF8701 Datasheet HTML 15Page - ams AG TMF8701 Datasheet HTML 16Page - ams AG TMF8701 Datasheet HTML 17Page - ams AG TMF8701 Datasheet HTML 18Page - ams AG TMF8701 Datasheet HTML 19Page - ams AG TMF8701 Datasheet HTML 20Page - ams AG TMF8701 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
Page 16
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Detailed Description
Proximity and Distance Mode Combined
In the combined operating mode, proximity algorithm is run
first followed by distance algorithm. An object detected in
proximity mode has priority over an object detected in distance
mode.
The distance algorithm reports a distance information of the
closest object in 1mm steps.
Figure 19:
Distance Mode Parameters
Note(s):
1. 14k lux halogen light represents 100k lux sunlight equivalent; light on object only.
2. If proximity mode detects an object within ≤ 100mm, it is reported. Only if proximity mode does not detect an object, distance
mode result is used. Therefore the full range starting from minimum proximity distance (1mm) to maximum distance for distance
mode (600mm) is covered.
VCSEL
Internal protection ensures no single point of failure will cause
the VCSEL to violate the Class 1 Laser Safety.
Laser Safety: Class 1
VCSEL Pulse Rep. Rate: 23ns (43MHz)
Condition
Min
Nom
Max
Units
Reflectivity of Object at
940nm
20cmx26cm target,
perpendicular to TMF8701
18
90
%
Maximum Distance
Detection, 18% Grey Card,
20cmx26cm
<350 lux fluorescent on
object
600
mm
14k lux halogen light on
object(1)
350
mm
Minimum Distance
Detection, 18% Grey Card,
20cmx26cm(2)
60
100
mm
Accuracy
Object distance ≥ 200mm
±5
%
100mm< object distance
<200mm
±10
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com